Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-PPI Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST20-PPI
Description  PC PARALLEL PORT TO OS-LINK INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-PPI Datasheet(HTML) 4 Page - STMicroelectronics

  ST20-PPI Datasheet HTML 1Page - STMicroelectronics ST20-PPI Datasheet HTML 2Page - STMicroelectronics ST20-PPI Datasheet HTML 3Page - STMicroelectronics ST20-PPI Datasheet HTML 4Page - STMicroelectronics ST20-PPI Datasheet HTML 5Page - STMicroelectronics ST20-PPI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ST20-PPI PC Parallel Port to OS-Link Interface
4/6
®
3
Connectors
3.1
Differential Link Connector
Table 3.1 26 way D-type connector
3.2
Power Supply Connector
The ST20-PPI uses a 2.5mm power connector. The voltage range is 8-13V dc.
Pin
Description
Pin
Description
1
+notSSDownReset
14
GND
2
+notSSDownAnalyse
15
GND
3
+notSSDownError
16
GND
4
+notSSUpReset
17
GND
5
+notSSUpAnalyse
18
GND
6
+notSSUpError
19
-notSSDownReset
7
+LinkOut
20
-notSSDownAnalyse
8
+LinkIn
21
-notSSDownError
9
GND
22
-notSSUpReset
10
GND
23
-notSSUpAnalyse
11
GND
24
-notSSUpError
12
GND
25
-LinkOut
13
GND
26
-LinkIn
GND
+V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com