Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-SWC Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST20-SWC
Description  C preprocessor for ST20 and T4/T8 transputers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Datasheet(HTML) 4 Page - STMicroelectronics

  ST20-SWC Datasheet HTML 1Page - STMicroelectronics ST20-SWC Datasheet HTML 2Page - STMicroelectronics ST20-SWC Datasheet HTML 3Page - STMicroelectronics ST20-SWC Datasheet HTML 4Page - STMicroelectronics ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ST20-SWC++ Preprocessor
4/6
2.4
Licensing
The ST20-SWC++ C++ Preprocessor is a single-user product.
No licence fee is charged for including C++ or ANSI C libraries in customer products when linked with
customer applications using the SGS-THOMSON Microelectronics Limited linker, ilink. Example
programs and other sources provided may be included in software products, but SGS-THOMSON
Microelectronics Limited retain original copyright. Full licensing details are available from SGS-
THOMSON Sales Offices, Regional Technology Centers and authorized distributors.
3
Product variants
3.1
IBM PC product
Product
ST20-SWC++/PC C++ Preprocessor
Operating requirements
For PC-hosted cross-development, the following will be required:
IBM PC with a 386 or higher processor or equivalent and a minimum of 8Mbytes of memory
DOS 5.0 or later
ST20-SWC/PC ST20 ANSI C Toolset version 1.0 or 2.0 or
IMS D7414 ANSI C Toolset
4Mbytes of free disk space
Distribution media
Software is distributed on 1.44 Mbytes 3.5 inch IBM format diskettes.
3.2
Sun 4 product
Product
ST20-SWC++/SUN C++ Preprocessor
Operating requirements
For Sun-hosted cross-development, the following will be required:
Sun 4 workstation or server
SunOS 4.1.3 or Solaris 2.4 or later
ST20-SWC/SUN ST20 ANSI C Toolset version 1.0 or 2.0 or
IMS D4414 ANSI C Toolset
4 Mbytes of free disk space
Distribution media
Software is distributed on 60 Mbyte QIC-24 1/4 inch data cartridges, in tar format.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com