Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920DCTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6920DCTR
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DCTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6920DCTR Datasheet HTML 5Page - STMicroelectronics L6920DCTR Datasheet HTML 6Page - STMicroelectronics L6920DCTR Datasheet HTML 7Page - STMicroelectronics L6920DCTR Datasheet HTML 8Page - STMicroelectronics L6920DCTR Datasheet HTML 9Page - STMicroelectronics L6920DCTR Datasheet HTML 10Page - STMicroelectronics L6920DCTR Datasheet HTML 11Page - STMicroelectronics L6920DCTR Datasheet HTML 12Page - STMicroelectronics L6920DCTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6920DC
Detailed description
9/16
The maximum load current is defined by the following relationship:
Equation 1
Where
ηis the efficiency and ILIM is the current limit.
Of course, if ILOAD is greater than ILOAD_LIM the regulation is lost (Figure 8).
Figure 8.
No regulation C2 = Vout ; C3 = Inductor Current
5.2
Start-up
One of the key features of L6920DC is the startup at supply voltage down to 0.8V (please
see the diagram in Figure 4).
The device leaves the startup mode of operation as soon as Vout goes over 1.4V. During
startup, the synchronous switch is off and the energy is transferred to the load through its
intrinsic body diode.
The N-channel switches with a very low RDS(on) thanks to an internal charge pump used to
bias the power MOS gate. Because of this modified behavior, TON/TOFF times are
lengthened. Current limit and zero crossing detection are still available.
I
LOAD_LIM
V
in
V
out
-----------
I
LIM
T
OFF_MIN
V
out
V
in
–
2L
⋅
-------------------------
⋅
–
⎝⎠
⎛⎞
η
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com