Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2002E Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2002E
Description  942.5 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2002E Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2002E Datasheet HTML 1Page - RF Monolithics, Inc SF2002E Datasheet HTML 2Page - RF Monolithics, Inc SF2002E Datasheet HTML 3Page - RF Monolithics, Inc SF2002E Datasheet HTML 4Page - RF Monolithics, Inc SF2002E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
942.5 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 5 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2002E-053106
Connection
Terminals
Port 1
Single Ended Input
2
Port 2
Single Ended Output
5
Ground
All others
Single Ended Operation Only
Dot indicates Pin 1
6-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
SM3030-6 Case
Electrical Connections
TOP VIEW
BOTTOM VIEW
0.0325
0.029
0.038
0.064
0.0325
0.038
PCB Foot Print Dimensions
in Nominal Inches
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.9
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.6
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.5
1.63
0.054
0.059
0.064
I
0.47
0.6
0.73
0.019
0.024
0.029
J
1.17
1.3
1.43
0.046
0.051
0.056
Case Dimensions
Materials
Solder Pad
Termination
Au plating 30 - 60 uInches (76.2-152 uM) over 80-200
uInches (203-508 uM) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11% Phos-
phorus) 100-200 uInches Thick
Body
Al2O3 Ceramic
Pb Free
1
2
3
6
5
4
1
2
3
6
5
4
A
B
C
D
J
E
F
G
H
I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com