Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L75NH3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # L75NH3LL
Description  N-channel 30 V, 0.004 Ω, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L75NH3LL Datasheet(HTML) 4 Page - STMicroelectronics

  L75NH3LL Datasheet HTML 1Page - STMicroelectronics L75NH3LL Datasheet HTML 2Page - STMicroelectronics L75NH3LL Datasheet HTML 3Page - STMicroelectronics L75NH3LL Datasheet HTML 4Page - STMicroelectronics L75NH3LL Datasheet HTML 5Page - STMicroelectronics L75NH3LL Datasheet HTML 6Page - STMicroelectronics L75NH3LL Datasheet HTML 7Page - STMicroelectronics L75NH3LL Datasheet HTML 8Page - STMicroelectronics L75NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STL75NH3LL
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,@125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VDS = ± 16 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 10 A
VGS= 4.5 V, ID= 10 A
0.004
0.005
0.0057
0.0075
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS=0
1810
565
41
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15 V, ID = 20 A,
VGS = 4.5 V
(see Figure 14)
18
4.8
5.3
24
nC
nC
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
0.5
1.5
3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com