Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6418 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6418
Description  Audio/video switch and 6-channel SD/PS/HD video filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6418 Datasheet(HTML) 2 Page - STMicroelectronics

  STV6418 Datasheet HTML 1Page - STMicroelectronics STV6418 Datasheet HTML 2Page - STMicroelectronics STV6418 Datasheet HTML 3Page - STMicroelectronics STV6418 Datasheet HTML 4Page - STMicroelectronics STV6418 Datasheet HTML 5Page - STMicroelectronics STV6418 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
STV6418
2/6
1
Description
The STV6418 is an I²C-controlled integrated circuit designed to switch both audio and video
in any dual full-SCART application such as set-top boxes or DVD recorders for European
markets.
The STV6418 is one of the four brand new products that complete the new generation of
audio and video switches from STMicroelectronics, which cover both technically and price-
wise the whole market spectrum from low-cost SD retail (zapper set-top box or basic
recorder) up to DVR HD operator (set-top boxes or recorders with component outputs).
Its complete set of features makes it particularly adapted for all HD set-top boxes.
Figure 1.
STMicroelectronics new generation of audio and video switches
Small footprint
The first key differentiator of the STV6418 is its size. It is supplied in a TQFP-48 7 x 7
exposed pad package, compared with older generation devices that used LQFP-64 10 x 10
and LQFP-64 14 x 14 packages.
Reduced bill-of-material
A second key differentiator is the STV6418’s ability to reduce the bill-of-material. The
STV6418 can interact directly with an MPEG decoder audio output, whether it is voltage- or
current-driven. In the latter case, an integrated programmable gain allows designers to
reduce the bill-of-material by removing the need for external operational amplifier circuitry.
The STV6418 video inputs can be driven either in AC- or DC-coupled mode from the MPEG
decoder video DAC outputs, again decreasing the need for external components.
The STV6418 can drive AC- or DC-coupled output loads, saving the need for additional
external buffer circuitry or coupling capacitors.
The STV6418 integrates 6 dB video buffers in series with each of the six switchable
standard definition (SD), enhanced definition (ED) and high definition (HD) 1080i-capable
low-pass filters. It can connect to six video DAC outputs of the MPEG decoder, allowing it to
switch and drive at the same time the composite and RGB signals on the TV SCART
outputs, as well as the S-video signal on the VCR SCART output. But the best practice for
the STV6418 is to divert, buffer and filter the component outputs from the MPEG decoder to
FTA SD
Zapper
FTA SD
CI/CAS
SD
DVR
HD
SD
HD
STV6418
STV6417
STV6419
STV6416
Retail
Operator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com