Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST232
Description  5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232 Datasheet(HTML) 3 Page - STMicroelectronics

  ST232 Datasheet HTML 1Page - STMicroelectronics ST232 Datasheet HTML 2Page - STMicroelectronics ST232 Datasheet HTML 3Page - STMicroelectronics ST232 Datasheet HTML 4Page - STMicroelectronics ST232 Datasheet HTML 5Page - STMicroelectronics ST232 Datasheet HTML 6Page - STMicroelectronics ST232 Datasheet HTML 7Page - STMicroelectronics ST232 Datasheet HTML 8Page - STMicroelectronics ST232 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TRANSMITTER ELECTRICAL CHARACTERISTICS
(C1 -C4 = 0.1
µF, VCC =5V ± 10%, TA = -40 to 85 oC, unless otherwise specified.
Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Cond it ion s
Value
Un it
Min.
T yp.
Max.
VTOUT
Output Voltage Swing
All Transmitter outputs are
loaded with 3K
Ω to GND
±5
±7.8
V
ITIL
Logic Pull-Up Current
TIN = 0 V
15
200
µA
VTIL
Input Logic Threshold Low
0.8
V
VTIH
Input Logic Threshold High
2
V
SRT
Transition Slew Rate
TA =25
oC, V
CC =5 V,
RL =3 to 7 K
Ω,
CL= 50 to 2500 pF (Note 1)
730
V/
µs
DR
Data Rate
(Note 2)
120
220
Kbits/s
RTOUT
Transmitter Output Resistance
VCC = V+ = V- = 0V
VOUT =
± 2V
300
ISC
Transmitter Output Short Circuit
Current
one TXOUT to GND
±10
±60
mA
Note 1: Measured from 3V to -3Vor from -3V to 3V.
Note 2: One trasmitter output is loaded with RL =3K
Ω to7KΩ,CL = 50to 1000pF
ELECTRICAL CHARACTERISTICS
(C1 -C4 = 0.1
µF, VCC =5V ± 10% TA = -40 to 85 oC, unless otherwise specified.
Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Cond it ion s
Value
Un it
Min.
T yp.
Max.
ISUPPLY VCC Power Supply Current
No Load,
TA =25
oC
5
10
mA
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 -C4 = 0.1
µF, VCC =5V ± 10%, TA = -40 to 85 oC, unless otherwise specified.
Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Cond it ion s
Value
Un it
Min.
T yp.
Max.
VRIN
Receiver Input Voltage Operating
Range
-30
30
V
RRIN
RS-232 Input Resistance
TA =25
oC, V
CC =5 V,
VRIN =5 V
357
K
VRIL
RS-232 Input Logic Threshold Low
TA =25
oC, VCC = 5 V
0.8
1.2
V
VRIH
RS-232 Input Logic Threshold High
TA =25
oC, V
CC = 5 V
1.7
2.4
V
VRIHYS
RS-232 Input Hysteresis
VCC = 5 V
0.2
0.5
1
V
VROL
TTL/CMOS Output Voltage Low
IOUT = 3.2mA (to VCC)
0.4
V
VROH
TTL/CMOS Output Voltage High
IOUT = 1mA (to GND)
3.5
VCC-0.4
V
tdR
Propagation Delay Time
CL=150pF (Note 1)
0.3
1
µs
ISCR
Receiver Output Short Circuit Current
±10
mA
Note 1: RS-232 IN to TTL-CMOS OUT (from 50% to 50%)
ST232
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com