Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5360M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MP5360M
Description  High Speed, Low Power RF Modules for the 2.45 GHz ISM Band
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP5360M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MP5360M Datasheet HTML 1Page - List of Unclassifed Manufacturers MP5360M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Software
Nanotron Technologies provides two software products to
speed up your product development: a transceiver driver
and a Portable Protocol Stack (PPS). The driver provides
all functionality required to access the nanoNET TRX
transceiver, such as initializing the chip and sending and
receiving of data. For larger networks, our PPS is the ideal
solution – it provides advanced services such as
broadcasting, frame forwarding, fragmentation, and
software acknowledgements between end stations. Both
software products can run even on 8 bit microcontrollers.
Evaluation and Development Kits
For an easy start into the world of Chirp transmission
technology, Nanotron provides an Evaluation Kit. Just
connect the RF Test Modules to the microcontroller
boards, connect the boards via RS 232 to your PC or
laptop, and start the software. The GUI allows you to
conveniently set the RF parameters, and it demonstrates
the performance of the air link in real time on your
computer screen. The nanoNET Development Kit is the
ideal tool to develop your own applications based on
Nanotron’s nanoNET TRX Transceiver.
© Nanotron Technologies GmbH | All rights reserved
Subject to change without notice.
NA-05-S-0010-E-1.01
Applications
Active RFID
Industrial Monitoring and Control
Medical Applications
Meter and Sensor Reading
Building Safety
Multimedia
Pin Assignment
Pin no.
Pin name
1,3,4,6,15-22
24-26,28,30-33
GND
2
5
7
8
9
10
11
VCC
SPICLK
UCVCC
SPITXD
SPIRXD
DIIO4
DIIO3
Pin no.
Pin name
12
13
DIIO2
14
23
27
29
34
35
36
PWRUPRESET
VCC_OUT
ANT
TX_RX
UCIRQ
UCRESET
SPISSN
DIIO1
TX_RX
Ordering Information
Further Information:
Nanotron Technologies GmbH
Alt-Moabit 60 | 10555 Berlin | Germany
Phone +49 30 399 954 - 0 | Fax +49 30 399 954 - 188
E-mail sales@nanotron.com | Web www.nanotron.com
Number
Description
MP5360M
nanoPAN 5360 RF Module
MP5361M
nanoPAN 5361 RF Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com