Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3S612 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LM3S612
Description  Microcontroller
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S612 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LM3S612 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S612 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 419 page
background image
LM3S612 Data Sheet
April 27, 2007
21
Preliminary
Register N
Registers are numbered consecutively throughout the document to
aid in referencing them. The register number has no meaning to
software.
reserved
Register bits marked reserved are reserved for future use. Reserved
bits return an indeterminate value, and should never be changed.
Only write a reserved bit with its current value.
yy:xx
The range of register bits inclusive from xx to yy. For example, 31:15
means bits 15 through 31 in that register.
Register Bit/Field Types
This value in the register bit diagram indicates whether software
running on the controller can change the value of the bit field.
RO
Software can read this field. Always write the chip reset value.
R/W
Software can read or write this field.
R/W1C
Software can read or write this field. A write of a 0 to a W1C bit does
not affect the bit value in the register. A write of a 1 clears the value
of the bit in the register; the remaining bits remain unchanged.
This register type is primarily used for clearing interrupt status bits
where the read operation provides the interrupt status and the write
of the read value clears only the interrupts being reported at the time
the register was read.
W1C
Software can write this field. A write of a 0 to a W1C bit does not
affect the bit value in the register. A write of a 1 clears the value of
the bit in the register; the remaining bits remain unchanged. A read
of the register returns no meaningful data.
This register is typically used to clear the corresponding bit in an
interrupt register.
WO
Only a write by software is valid; a read of the register returns no
meaningful data.
Register Bit/Field Reset Value
This value in the register bit diagram shows the bit/field value after
any reset, unless noted.
0
Bit cleared to 0 on chip reset.
1
Bit set to 1 on chip reset.
–
Nondeterministic.
Pin/Signal Notation
[ ]
Pin alternate function; a pin defaults to the signal without the
brackets.
pin
Refers to the physical connection on the package.
signal
Refers to the electrical signal encoding of a pin.
Table 0-1. Documentation Conventions
Notation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com