Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3S601 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LM3S601
Description  Microcontroller
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S601 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LM3S601 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S601 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 446 page
background image
32 KB single-cycle flash
–
•
User-managed flash block protection on a 2-KB block basis
•
User-managed flash data programming
•
User-defined and managed flash-protection block
– 8 KB single-cycle SRAM
■ General-Purpose Timers
– Three General-Purpose Timer Modules (GPTM), each of which provides two 16-bit
timer/counters. Each GPTM can be configured to operate independently as timers or event
counters as a single 32-bit timer, as one 32-bit Real-Time Clock (RTC) to event capture, or
for Pulse Width Modulation (PWM)
– 32-bit Timer modes
•
Programmable one-shot timer
•
Programmable periodic timer
•
Real-Time Clock when using an external 32.768-KHz clock as the input
•
User-enabled stalling in periodic and one-shot mode when the controller asserts the CPU
Halt flag during debug
– 16-bit Timer modes
•
General-purpose timer function with an 8-bit prescaler
•
Programmable one-shot timer
•
Programmable periodic timer
•
User-enabled stalling when the controller asserts CPU Halt flag during debug
– 16-bit Input Capture modes
•
Input edge count capture
•
Input edge time capture
– 16-bit PWM mode
•
Simple PWM mode with software-programmable output inversion of the PWM signal
■ ARM FiRM-compliant Watchdog Timer
– 32-bit down counter with a programmable load register
– Separate watchdog clock with an enable
– Programmable interrupt generation logic with interrupt masking
– Lock register protection from runaway software
21
October 01, 2007
Preliminary
LM3S601 Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com