Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2408 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2408
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2408 Datasheet(HTML) 2 Page - STMicroelectronics

  ST2408 Datasheet HTML 1Page - STMicroelectronics ST2408 Datasheet HTML 2Page - STMicroelectronics ST2408 Datasheet HTML 3Page - STMicroelectronics ST2408 Datasheet HTML 4Page - STMicroelectronics ST2408 Datasheet HTML 5Page - STMicroelectronics ST2408 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
2.3
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collector Cut -of f
Current (VBE =0)
VCE = 1500 V
1
mA
IEBO
Emitt er Cut -of f Current
(IC =0)
VEB =7 V
1
mA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
(IB =0)
IC = 100 mA
L = 25 mH
600
V
VCE(s at)*
Collector-Emit ter
Saturation Voltage
IC =8 A
IB =2 A
3
V
VBE(s at)
∗ Base-Emitter
Saturation Voltage
IC =8 A
IB =2 A
1.5
V
hFE
∗
DC Current Gain
IC =1 A
VCE =5 V
IC =8 A
VCE =5 V
6
25
9
ts
tf
INDUCTIVE LO AD
St orage Time
Fall Time
IC =7 A
fh =82 KHz
IB(o n) =1.5 A
VBB(off) =-2.5 V
LB =0.4
µH
2.1
110
2.4
150
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
ST2408HI
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com