Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1084XG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # L1084XG
Description  5A Adjustable Low Dropout Linear Regulator (LDO)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1084XG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  L1084XG Datasheet HTML 1Page - List of Unclassifed Manufacturers L1084XG Datasheet HTML 2Page - List of Unclassifed Manufacturers L1084XG Datasheet HTML 3Page - List of Unclassifed Manufacturers L1084XG Datasheet HTML 4Page - List of Unclassifed Manufacturers L1084XG Datasheet HTML 5Page - List of Unclassifed Manufacturers L1084XG Datasheet HTML 6Page - List of Unclassifed Manufacturers L1084XG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
L1084XG
TO-252, 263, 220
Lead-Free
7
5A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
JUL-08-2004
TO-252 (DPAK) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
9.35
10.4
H
0.89
2.03
B
2.2
2.4
I
6.35
6.80
C
0.45
0.6
J
5.2
5.5
D
0.89
1.5
K
0.6
1
E
0.45
0.69
L
0.5
0.9
F
0.03
0.23
M
3.96
4.57
5.18
G
5.2
6.2
N
G
A
H
K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com