Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV861 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV861
Description  Dimmable, Low Noise, Dual EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV861 Datasheet(HTML) 5 Page - Supertex, Inc

  HV861 Datasheet HTML 1Page - Supertex, Inc HV861 Datasheet HTML 2Page - Supertex, Inc HV861 Datasheet HTML 3Page - Supertex, Inc HV861 Datasheet HTML 4Page - Supertex, Inc HV861 Datasheet HTML 5Page - Supertex, Inc HV861 Datasheet HTML 6Page - Supertex, Inc HV861 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV861
Figure 3: Typical Waveform EL1, COM1 and Differential Waveform EL1 – COM1
Split Supply Configuration
The HV861 can also be used for handheld devices operating
from a battery where a regulated voltage is available. This
is shown in Figure 4. The regulated voltage can be used to
run the internal logic of the HV861. The amount of current
necessary to run the internal logic is 250µA max. Therefore,
the regulated voltage could easily provide the current with-
out being loaded down.
Enable/Disable Configuration
EL1 and EL2 outputs can be enabled and disabled via a
logic control signal on the EN1 and EN2 pins respectively.
When EN1 is high/low, the Lamp1 (EL1) will be ON/OFF.
When EN2 is high/low, the Lamp2 (EL2) will be ON/OFF.
The control signal can be from a microprocessor.
Figure 4: Split Supply and Enable/Disable Configuration
L
X
R
REG
R
EL
R
SW
C
DD
C
REF
Input Logic Control:
Input Logic Control:
GND
EN1
VDD
1
2
3
4
8
7
6
5
9
10
11
12
14
15
16
13
PWM
VREF
EN2
RSW-osc
REL-osc
VREG VOUT LX
CS
EL1
COM1
EL2
COM2
HV861K7-G
EL1
EL2
C
S
D
Battery Voltage = V
IN
+
_
Regulated Voltage = V
DD
+
_
C
IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com