Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25C01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25C01
Description  SERIAL 1K 128 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25C01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25C01 Datasheet HTML 7Page - STMicroelectronics ST25C01 Datasheet HTML 8Page - STMicroelectronics ST25C01 Datasheet HTML 9Page - STMicroelectronics ST25C01 Datasheet HTML 10Page - STMicroelectronics ST25C01 Datasheet HTML 11Page - STMicroelectronics ST25C01 Datasheet HTML 12Page - STMicroelectronics ST25C01 Datasheet HTML 13Page - STMicroelectronics ST25C01 Datasheet HTML 14Page - STMicroelectronics ST25C01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01161B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
NO ACK
R/W
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK
Figure 9. Write Modes Sequence with Write Control = 1 (ST24/25W01)
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last byte out-
put, but MUST generate a STOP condition. The
output data is from consecutive byte addresses,
with the internal byte address counter automat-
ically incremented after each byte output. After a
count of the last memory address, the address
counter will ’roll- over’ and the memory will continue
to output data.
Acknowledge in Read Mode. In all read modes
the ST24/25x01 wait for an acknowledge during the
9th bit time. If the master does not pull the SDA line
low during this time, the ST24/25x01 terminate the
data transfer and switches to a standby state.
11/16
ST24/25C01, ST24C01R, ST24/25W01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com