Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEUW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEUW
Description  Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEUW Datasheet HTML 1Page - Wall Industries,Inc. LANEUW Datasheet HTML 2Page - Wall Industries,Inc. LANEUW Datasheet HTML 3Page - Wall Industries,Inc. LANEUW Datasheet HTML 4Page - Wall Industries,Inc. LANEUW Datasheet HTML 5Page - Wall Industries,Inc. LANEUW Datasheet HTML 6Page - Wall Industries,Inc. LANEUW Datasheet HTML 7Page - Wall Industries,Inc. LANEUW Datasheet HTML 8Page - Wall Industries,Inc. LANEUW Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEUW Series
Single and Dual Output
2 Watt DC/DC Converter
4:1 Ultra Wide Input Range
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+85
°C
Operating Temperature (Case)
-40
+90
°C
Storage Temperature
-55
+105
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
1,000,000 Hours
PHYSICAL
Weight
6.5 grams
Dimensions
25.95 x 9.25 x 12.45 mm
Case Material
Non-conductive black plastic
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load
Max Load
Reflected Ripple
Current
Efficiency
(Typ)
Max Capacitive
Load
LANEUW2433R
3.3 VDC
125 mA
500 mA
97 mA
71%
2200µF
LANEUW2405R
5 VDC
100 mA
400 mA
110 mA
76%
1000µF
LANEUW2412R
12 VDC
42 mA
167 mA
106 mA
79%
170µF
LANEUW2415R
15 VDC
33 mA
134 mA
105 mA
80%
110µF
LANEUW2405RD
±5 VDC
±50 mA
±200 mA
114 mA
73%
470µF
LANEUW2412RD
±12 VDC
±21 mA
±83 mA
108 mA
77%
100µF
LANEUW2415RD
24 VDC
(9 – 36 VDC)
±15 VDC
±17 mA
±67 mA
20 mA
106 mA
300 mA (Typ)
79%
47µF
LANEUW4833R
3.3 VDC
125 mA
500 mA
49 mA
70%
2200µF
LANEUW4805R
5 VDC
100 mA
400 mA
58 mA
72%
1000µF
LANEUW4812R
12 VDC
42 mA
167 mA
54 mA
78%
170µF
LANEUW4815R
15 VDC
33 mA
134 mA
54 mA
78%
110µF
LANEUW4805RD
±5 VDC
±50 mA
±200 mA
60 mA
70%
470µF
LANEUW4812RD
±12 VDC
±21 mA
±83 mA
55 mA
76%
100µF
LANEUW4815RD
48 VDC
(18 – 75 VDC)
±15 VDC
±17 mA
±67 mA
15 mA
55 mA
600 mA (Typ)
76%
47µF
NOTES
1. Specifications typical at +25°C, resistive load, nominal input voltage, rated output current unless otherwise noted.
2. Transient Recovery Time is measured to within 1% error band for a step change in output of 75% to 100%.
3. Ripple and noise measured at 20MHz bandwidth.
4. The LANEUW Series requires a minimum load on the output to maintain specified regulation. Operation under
no-load conditions will not damage these devices, however they may not meet all listed specifications.
5. All DC/DC converters should be externally fused on the front end for protection.
6. Other input and output voltages may be available, please contact factory.
7. Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com