Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEW3 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEW3
Description  3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW3 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEW3 Datasheet HTML 1Page - Wall Industries,Inc. LANEW3 Datasheet HTML 2Page - Wall Industries,Inc. LANEW3 Datasheet HTML 3Page - Wall Industries,Inc. LANEW3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW3 Series
3 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
SPECIFICATIONS (CONTINUED)
OUTPUT SPECIFICATIONS (CONTINUED)
Output Power
3 Watts max.
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
75mVp-p
Transient Response Recovery Time
25% load step change
500µs typ.
Temperature Coefficient
±0.1% / °C max.
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full load to minimum load
100KHz, min.
Isolation Voltage (input to output)
1600VDC, min.
Insulation Resistance
10GΩ min.
Isolation Capacitance
1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40°C ~ +71°C (without derating)
+71°C ~+100°C (with derating)
Storage Temperature
-55°C to +125°C
Relative Humidity
5% to 95% RH
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 10G, 30 minutes along X, Y, and Z axis
MTBF (see Note 1)
Bellcore TR-NWT-000332
MIL-STD-217F
4,386,000 Hours
2,401,000 Hours
PHYSICAL SPECIFICATIONS
Weight
4.8 grams (0.17oz)
Dimensions
0.86 x 0.36 x 0.44 inches (21.8 x 9.2 x 11.1 mm)
Case Material
Non-conductive black plastic
Base Material
None
Potting Material
Silicon (UL94-V0)
SAFETY & EMC
Safety Standard Pending
IEC60950-1, UL60950-1, EN60950-1
5V nominal input
100µF & 10µF
12V nominal input
100µF & 10µF
24V nominal input
10µF & 120µF
48V nominal input
10µF & 120µF
Meet EN55022 classes B recommend
circuit with an external L-C filter at input
EMC Characteristics (See Note 2)
EMC External Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com