Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANH Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANH
Description  SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANH Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANH Datasheet HTML 1Page - Wall Industries,Inc. LANH Datasheet HTML 2Page - Wall Industries,Inc. LANH Datasheet HTML 3Page - Wall Industries,Inc. LANH Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN H Series
SIP or DIP Package
Single and Dual Output
1 Watt DC/DC Converter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency (Typ.)
LANH503N
3.3VDC
303mA
70%
LANH505N
5 VDC
200mA
75%
LANH509N
9 VDC
110mA
75%
LANH512N
12 VDC
84mA
75%
LANH515N
15 VDC
67mA
75%
LANH505ND
±5 VDC
±100mA
75%
LANH509ND
±9 VDC
±56mA
75%
LANH512ND
±12 VDC
±42mA
75%
LANH524ND
5 VDC
±24 VDC
±34mA
70%
LANH1205N
5 VDC
200mA
75%
LANH1209N
9 VDC
110mA
75%
LANH1212N
12 VDC
84mA
75%
LANH1215N
15 VDC
67mA
75%
LANH1203ND
±3.3 VDC
±154mA
70%
LANH1205ND
±5 VDC
±100mA
75%
LANH1209ND
±9 VDC
±56mA
75%
LANH1212ND
±12 VDC
±42mA
75%
LANH1224ND
12 VDC
±24 VDC
±34mA
70%
LANH1505N
5 VDC
200mA
75%
LANH1509N
9 VDC
110mA
75%
LANH1512N
12 VDC
84mA
75%
LANH1515N
15 VDC
67mA
75%
LANH1503ND
±3.3 VDC
±154mA
70%
LANH1505ND
±5 VDC
±100mA
75%
LANH1509ND
±9 VDC
±56mA
75%
LANH1512ND
±12 VDC
±42mA
75%
LANH1524ND
15 VDC
±24 VDC
±34mA
70%
LANH2405N
5 VDC
200mA
75%
LANH2409N
9 VDC
110mA
75%
LANH2412N
12 VDC
84mA
75%
LANH2415N
15 VDC
67mA
75%
LANH2403ND
±3.3 VDC
±154mA
70%
LANH2405ND
±5 VDC
±100mA
75%
LANH2409ND
±9 VDC
±56mA
75%
LANH2412ND
±12 VDC
±42mA
75%
LANH2424ND
24 VDC
±24 VDC
±34mA
70%
LANH4805N
5 VDC
200mA
75%
LANH4809N
9 VDC
110mA
75%
LANH4812N
12 VDC
84mA
75%
LANH4815N
15 VDC
67mA
75%
LANH4805ND
±5 VDC
±100mA
75%
LANH4809ND
±9 VDC
±56mA
75%
LANH4812ND
±12 VDC
±42mA
75%
LANH4824ND
48 VDC
±24 VDC
±34mA
70%
NOTES
1. For industrial grade operating temperature of -40°C to +85°C add suffix “I” to the part number (no derating to 85°C).
2. All case and pin-to-case dimensions reference only unless otherwise noted.
3. The LAN H Series is housed in an industry standard four pin SIP package for single output models and five pin DIP
package for dual output models.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com