Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCB-2
Description  Printed Circuit Board Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCB-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCB-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCB-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUSS
PC_
250V
.350"
(8.89mm)
(8 89
+ .127mm)
.020"
(0.51mm)
.345"
(8.76mm)
(8.76mm
(8.76mm
.015"
(0.38mm)
.0.25"
(0.64mm)
(1.91mm)
.15"
(3.81mm)
.184"
(4.67mm)
BUSS
PCG
125V
.400"
REF.
.184"
.350"
R
R
.345"
0.25"
.020"
.015"
.500"
0
0
MIN.
II
Dimensional Data (PCF, PCG)
CURRENT IN AMPERES
10
1
.1
.01
AMPERE
RATING
Time-Current Characteristic Curves–Average Melt
Dimensional Data (PCH, PCI)
PACKAGING CODE
Packaging Code
Description
Blank
5 pieces of fuses
BK
100 pieces of fuses in a carton
TR*
500 pieces of fuses on tape and Reel
* Short lead length not available in tape and reel packaging
Max. Total Clearing I2t (Amps2 Sec.)
Amp
Volts AC
Rating
125 Volts
250 Volts
50A
1,000A
10,000A
35A & 50A
1/2A
0.006
0.006
0.006
0.006
3/4A
0.016
0.016
0.016
0.016
1A
0.020
0.020
0.020
0.020
1-1/2A
0.090
0.090
0.090
0.090
2A
0.200
0.200
0.200
0.200
2-1/2A
0.300
0.300
0.300
0.300
3A
0.750
0.750
0.750
0.750
5A
5.0
5.0
5.0
—
Note—Power Factor > .90.
BUSS
PC
250V
.350"
(8.89mm)
((8 89
.015"
(0.38mm)
.20"
(5.08mm)
.025""
(0.64mm)
.750" Full — .100" Short
(19.1mm)
(2.54mm)
.020"
(0.51mm)
.320"
(8.89mm)
(8.89mm
(8.89mm
Dimensional Data: All tolerances
Standard Fuse (PCB, PCD)
± .005"
± .13 mm
Cooper Electronic Technologies
3601 Quantum Boulevard
Boynton Beach, FL 33426-8638
Tel: 1-561-752-5000
Fax: 1-561-742-0134
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-800-544-2570
Europe
Cooper Electronic Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Asia Pacific
Cooper Electronic Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
Visit us on the web at:
www.CooperET.com
OC-2592 7/05
© Cooper Electronic
Technologies 2005
North America
Printed Circuit Board Fuses
PC-Tron Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com