Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS4PS-1U Datasheet(PDF) 2 Page - Mini-Circuits

Part # JS4PS-1U
Description  POWER SPLITTERS/COMBINERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JS4PS-1U Datasheet(HTML) 2 Page - Mini-Circuits

  JS4PS-1U Datasheet HTML 1Page - Mini-Circuits JS4PS-1U Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
133
SCP
pin and coaxial connections
see case style outline drawing
PORT
bf
bg
bv
js
kb
lj
ng
ny
SUM PORT
4
2
3
2
2
4
10
3
PORT 1
7
8
2
1
8
8
2
6
PORT 2
8
12
4
8
7
10
3
7
PORT 3
1
5
6
5
6
12
5
9
PORT 4
2
9
8
4
5
14
6
10
GND EXT.
3,5,6
All other pins
1,5,7
3,6,7
1,3,4
2,3,5,6,9,13
1,4,7,8,9
1,2,4,5,8
CASE GND
3,5,6
All other pins
—
—
—
—
—
—
NOT USED
—
—
—
—
—
1,7,11
—
—
DEMO BOARD
—
—
TB-36
TB-231
TB-81(AD4PS)
—
—
TB-238 (SCA-4-10)
TB-215(JS4PS)
TB-247 (SCA) 75
Ω
TB-241 (SCA-4-20)
u AD4PS-1
1-500
32
18
30
20
25
18
0.4
1.2
0.5
1.2
0.8
1.8
2
5
7
0.4
0.5
0.8
CJ725
kb 072
14.95
u BP4C
810-960
25
19
1.0
1.6
8
0.6
XX211
js
113
1.99
u BP4P
1710-1990
23
19
0.8
1.3
15
0.5
XX211
js
113
1.79
u SBD-4-25*
1800-2600
20
12
1.0
1.9
8
0.7
SM34
lj
9.95
1800-2000
18
12
0.9
1.4
6
0.4
2100-2200
21
15
0.9
1.4
6
0.4
2200-2400
22
15
1.0
1.6
7
0.6
2400-2500
22
16
1.0
1.8
7
0.7
NEW
u SCA-4-10
5-1000
—
—
—
—
5-400
30
20
0.7
1.3
5
0.8
DZ943
ny 124
6.95
400-600
25
17
0.8
1.5
6
0.7
600-1000
20
15
1.2
2.5
11
0.9
NEW
un SCA-4-10-75
10-1000
10-400
30
22
1.2
2.3
6
1.2
DZ943
ny 133
6.95
400-750
25
18
1.5
2.2
9
0.9
750-1000
20
15
2.0
2.5
10
0.9
NEW
un SCA-4-15-75
10-1500
10-40
19
14
0.5
1.3
8
0.8
DZ943
ny 133
7.95
40-1000
25
18
1.2
2.0
9
0.9
1000-1500
19
15
1.4
2.6
16
0.9
NEW
u SCA-4-20
1000-2000
15
8
1.0
1.5
5
0.7
DZ944
ny 125
7.95
1500-1700
20
17
1.0
1.2
5
0.8
1700-2000
20
17
1.2
1.5
5
0.9
NEW
u JS4PS-1W
5-1000
29
20
26
18
20
15
0.3
1.1
0.8
1.5
1.5
2.4
5
5
12
0.8
0.7
0.7
BK377
ng 091
14.95
u JS4PS-1
80-520
36
20
0.8
1.5
5
0.5
BJ360
kb 101
19.95
un JS4PS-1W-75
5-750
34
25
35
25
30
18
0.6
1.2
0.6
1.5
0.8
1.5
3
5
6
0.2
0.3
0.6
BJ360
kb 101
18.95
un JS4PS-9-75
50-860
25
16
0.6
1.9
5
0.8
BJ360
kb 101
20.95
SCP-4-1
1-400
32
23
26
18
21
17
0.4
1.2
0.6
1.2
1.0
1.5
1
4
9
0.2
0.3
0.5
YY101
bv 073
24.95
SCP-4-1W
10-650
34
28
23
18
21
15
0.7
1.0
0.9
1.5
1.1
1.9
3
7
12
0.2
0.4
0.7
YY101
bv 073
26.95
n SCP-4-1W-75
10-750
36
20
32
20
24
15
0.5
1.0
0.65 1.3
0.8
2.0
1.5
3
6
0.2
0.4
0.9
YY161
bv
27.95
SCP-4-4
800-1000
24
17
0.7
1.5
12
1.0
YY101
bv 073
21.95
n SCP-4-4-75
10-1000
36
20
32
18
24
14
0.5
1.0
0.65 1.3
0.8
2.0
3
6
12
0.2
0.4
0.9
YY161
bv
28.95
BP
JS4PS (BJ360)
G
G
ADPS
ISOLATION
dB
INSERTION LOSS, dB
Above 6dB
PHASE
UNBALANCE
Degrees
f
L-fU
MJ
J
J
J
J
Max.
L
Max.
U
Max.
AMPLITUDE
UNBALANCE
dB
U
Max.
MJ
J
J
J
J
Max.
L
Max.
FREQ.
RANGE
MHz
MODEL
NO.
MJ
J
J
J
J
Typ. Min.
L
Typ. Min.
U
Typ. Min.
L
Typ. Max.
MJ
J
J
J
J
Typ. Max.
U
Typ. Max.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(10-49)
Note B
1 to 2600 MHz
Surface Mount t
SBD
Qty.
(1-9)
JS4PS (BK377)
PRICE
$
PCB
Lay-
out
PL-
SCA(DZ944)
SCA(DZ943)
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com