Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24LW21 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST24LW21
Description  1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LW21 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST24LW21 Datasheet HTML 10Page - STMicroelectronics ST24LW21 Datasheet HTML 11Page - STMicroelectronics ST24LW21 Datasheet HTML 12Page - STMicroelectronics ST24LW21 Datasheet HTML 13Page - STMicroelectronics ST24LW21 Datasheet HTML 14Page - STMicroelectronics ST24LW21 Datasheet HTML 15Page - STMicroelectronics ST24LW21 Datasheet HTML 16Page - STMicroelectronics ST24LW21 Datasheet HTML 17Page - STMicroelectronics ST24LW21 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
the SDA signal must be stable during the clock low
to high transition and the data must change ONLY
when the SCL line is low.
Memory Addressing. To start communication be-
tween the bus master and the slave ST24xy21, the
master must initiate a START condition. Following
this, the master sends onto the SDA bus line 8 bits
(MSB first) corresponding to the Device Select
code (7 bits) and a READ or WRITE bit. The 4 most
significant bits of the Device Select code are the
device type identifier, corresponding to the I2C bus
definition. For these memories the 4 bits are fixed
as 1010b. The 8th bit sent is the read or write bit
(RW), this bit is set to ’1’ for read and ’0’ for write
operations. If a match is found, the corresponding
memory will acknowledge the identification on the
SDA bus during the 9th bit time.
Write Operations
Following a START condition the master sends a
Device Select code with the RW bit set to ’0’. The
memory acknowledges this and waits for a byte
address. After receipt of the byte address the de-
vice again responds with an acknowledge.
In I2C bidirectional mode, any write command with
VCLK=0 (for the ST24LC21B and ST24FC21,
ST24FC21B) or with WC=0 (for the ST24LW21 and
ST24FW21) will not modify data and will be ac-
knowledged on data bytes, as shown in Figure 12.
Byte Write. In the Byte Write mode the master
sends one data byte, which is acknowledged by the
WRITE Cycle
in Progress
AI01099B
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by ST24xxx
Figure 10. Write Cycle Polling using ACK
14/22
ST24LC21B, ST24LW21, ST24FC21, ST24FC21B, ST24FW21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com