Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C31 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST26C31
Description  CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31 Datasheet(HTML) 1 Page - STMicroelectronics

  ST26C31 Datasheet HTML 1Page - STMicroelectronics ST26C31 Datasheet HTML 2Page - STMicroelectronics ST26C31 Datasheet HTML 3Page - STMicroelectronics ST26C31 Datasheet HTML 4Page - STMicroelectronics ST26C31 Datasheet HTML 5Page - STMicroelectronics ST26C31 Datasheet HTML 6Page - STMicroelectronics ST26C31 Datasheet HTML 7Page - STMicroelectronics ST26C31 Datasheet HTML 8Page - STMicroelectronics ST26C31 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
December 2002
s
TTL INPUT COMPATIBLE
s
TYPICAL PROPAGATION DELAY: 6ns
s
TYPICAL OUTPUT SKEW: 0.5ns
s
OUTPUT WILL NOT LOAD LINE WHEN
VCC=0V
s
MEETS THE REQUIREMENTS OF EIA
STANDARD RS-422
s
OPERATION FROM SINGLE 5V SUPPLY
s
3-STATE OUTPUTS FOR CONNECTION TO
SYSTEM BUSES
s
LOW QUIESCENT CURRENT
s
AVAILABLE IN SURFACE MOUNT
DESCRIPTION
TheST26C31 is aquaddifferential linedriver
designed
for
digital
data
transmission
over
balanced lines and meets all the requirements of
EIA standard RS-422 while retaining the low
power characteristics of CMOS.
The ST26C31 accepts TTL or CMOS input levels
and translates these to RS-422 output levels. This
part uses special outputs circuitry common to all
four drivers. All outputs are protected against
damage due to electrostatic discharge by diode to
VCC and ground.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST26C31BN
-40 to 85 °C
DIP-16
25 parts per tube / 40 tube per box
ST26C31BD
-40 to 85 °C
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST26C31BDR
-40 to 85 °C
SO-16 (Tape & Reel)
2500 parts per reel
ST26C31BTR
-40 to 85 °C
TSSOP16 (Tape & Reel)
2500 parts per reel
ST26C31
CMOS QUAD TRI-STATE
DIFFERENTIAL LINE DRIVER
DIP
SOP
TSSOP


Similar Part No. - ST26C31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
ST26C31B STMICROELECTRONICS-ST26C31B Datasheet
625Kb / 15P
CMOS quad 3-state differential line driver
12-Jun-2008
ST26C31BDR STMICROELECTRONICS-ST26C31BDR Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
ST26C31BDR STMICROELECTRONICS-ST26C31BDR Datasheet
625Kb / 15P
CMOS quad 3-state differential line driver
12-Jun-2008
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
More results

Similar Description - ST26C31

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
QUAD TRI-STATE LINE DRIVER
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
CMOS Qual TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
CMOS Quad TRI-STATE Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com