Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24EM1TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST24EM1TR
Description  16 Kbit Serial I2C EEPROM with Extended Addressing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24EM1TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST24EM1TR Datasheet HTML 8Page - STMicroelectronics ST24EM1TR Datasheet HTML 9Page - STMicroelectronics ST24EM1TR Datasheet HTML 10Page - STMicroelectronics ST24EM1TR Datasheet HTML 11Page - STMicroelectronics ST24EM1TR Datasheet HTML 12Page - STMicroelectronics ST24EM1TR Datasheet HTML 13Page - STMicroelectronics ST24EM1TR Datasheet HTML 14Page - STMicroelectronics ST24EM1TR Datasheet HTML 15Page - STMicroelectronics ST24EM1TR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PSDIP-a
A2
A1
A
L
e1
D
E1
E
N
1
C
eA
eB
B1
B
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
3.90
5.90
0.154
0.232
A1
0.49
–
0.019
–
A2
3.30
5.30
0.130
0.209
B
0.36
0.56
0.014
0.022
B1
1.15
1.65
0.045
0.065
C
0.20
0.36
0.008
0.014
D
9.20
9.90
0.362
0.390
E
7.62
–
–
0.300
–
–
E1
6.00
6.70
0.236
0.264
e1
2.54
–
–
0.100
–
–
eA
7.80
–
0.307
–
eB
–
10.00
–
0.394
L
3.00
3.80
0.118
0.150
N8
8
Drawing is not to scale.
PSDIP8 - 8 pin Plastic Skinny DIP, 0.25mm lead frame
14/16
ST24E16, ST25E16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com