Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR03AM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CR03AM
Description  LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR03AM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CR03AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR03AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR03AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR03AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR03AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR03AM
LOW POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
ELECTRICAL CHARACTERISTICS
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
IH
Rth (j-a)
Test conditions
Tj=110
°C, VRRM applied
Tj=110
°C, VDRM applied, RGK=1kΩ
Ta=25
°C, ITM=4A, instantaneous value
Tj=25
°C, VD=6V, IT=0.1A V3
Tj=110
°C, VD=1/2VDRM, RGK=1kΩ
Tj=25
°C, VD=6V, IT=0.1A V3
Tj=25
°C, VD=12V, RGK=1kΩ
Junction to ambient
Unit
mA
mA
V
V
V
µA
mA
°C/W
Typ.
—
—
—
—
—
—
1.5
—
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Holding current
Thermal resistance
Limits
Min.
—
—
—
—
0.2
1
—
—
Max.
0.1
0.1
1.8
0.8
—
100
V2
3
180
V2. If special values of IGT are required, choose at least two items from those listed in the table below. (Example: AB, BC)
B
20 ~ 50
C
40 ~ 100
Item
IGT (
µA)
A
1 ~ 30
The above values do not include the current flowing through the 1k
Ω resistance between the gate and cathode.
3V
DC
IGS
IGT
6V
DC
60
Ω
VGT
2
1
TUT
1k
Ω
RGK
A3
A2
V1
A1
SWITCH 1 : IGT measurement
SWITCH 2 : VGT measurement
(Inner resistance of voltage meter is about 1k
Ω)
V3. IGT, VGT measurement circuit.
SWITCH
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
10–2
Ta = 25°C
100
23
5 7 101
8
4
23
5 7 102
44
12
16
20
6
2
10
14
18
0
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
PERFORMANCE CURVES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com