Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3241E Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3241E
Description  ® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241E Datasheet(HTML) 2 Page - STMicroelectronics

  ST3241E Datasheet HTML 1Page - STMicroelectronics ST3241E Datasheet HTML 2Page - STMicroelectronics ST3241E Datasheet HTML 3Page - STMicroelectronics ST3241E Datasheet HTML 4Page - STMicroelectronics ST3241E Datasheet HTML 5Page - STMicroelectronics ST3241E Datasheet HTML 6Page - STMicroelectronics ST3241E Datasheet HTML 7Page - STMicroelectronics ST3241E Datasheet HTML 8Page - STMicroelectronics ST3241E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ST3241E
2/13
ORDERING CODES
PIN DESCRIPTION
Type
Temperature
Range
Package
Comments
ST3241ECD
0 to 70°C
SO-28 (Tube)
27parts per tube / 12tube per box
ST3241EBD
-40 to 85°C
SO-28 (Tube)
27parts per tube / 12tube per box
ST3241ECDR
0 to 70°C
SO-28 (Tape & Reel)
1000 parts per reel
ST3241EBDR
-40 to 85°C
SO-28 (Tape & Reel)
1000 parts per reel
ST3241ECPR
0 to 70°C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3241EBPR
-40 to 85°C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3241ECTR
0 to 70°C
TSSOP28 (Tape & Reel)
2500 parts per reel
ST3241EBTR
-40 to 85°C
TSSOP28 (Tape & Reel)
2500 parts per reel
PlN N°
SYMBOL
NAME AND FUNCTION
1C2+
Positive Terminal of Inverting Charge Pump Capacitor
2C2-
Negative Terminal of Inverting Charge Pump Capacitor
3
V-
-5.5V Generated by the Charge Pump
4R1IN
First Receiver Input Voltage
5R2IN
Second Receiver Input Voltage
6R3IN
Third Receiver Input Voltage
7R4IN
Fourth Receiver Input Voltage
8R5IN
Fifth Receiver Input Voltage
9T1OUT
First Transmitter Output Voltage
10
T2OUT
Second Transmitter Output Voltage
11
T3OUT
Third Transmitter Output Voltage
12
T3IN
Third Transmitter Input Voltage
13
T2IN
Second Transmitter Input Voltage
14
T1IN
First Transmitter Input Voltage
15
R5OUT
Fifth Receiver Output Voltage
16
R4OUT
Fourth Receiver Output Voltage
17
R3OUT
Third Receiver Output Voltage
18
R2OUT
Second Receiver Output Voltage
19
R1OUT
First Receiver Output Voltage
20
R2OUTB
Non-inverting Complementary Receiver Output, always active
for wake-up
21
R1OUTB
Non-inverting Complementary Receiver Output, always active
for wake-up
22
SHDN
Shutdown Control. Active Low.
23
EN
Receiver Enable. Active Low
24
C1-
Negative Terminal of Voltage- Charge Pump Capacitor
25
GND
Ground
26
VCC
Supply Voltage
27
V+
5.5V Generated by the Charge Pump
28
C1+
Positive Terminal of Voltage- Charge Pump Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com