Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3243
Description  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243 Datasheet(HTML) 3 Page - STMicroelectronics

  ST3243 Datasheet HTML 1Page - STMicroelectronics ST3243 Datasheet HTML 2Page - STMicroelectronics ST3243 Datasheet HTML 3Page - STMicroelectronics ST3243 Datasheet HTML 4Page - STMicroelectronics ST3243 Datasheet HTML 5Page - STMicroelectronics ST3243 Datasheet HTML 6Page - STMicroelectronics ST3243 Datasheet HTML 7Page - STMicroelectronics ST3243 Datasheet HTML 8Page - STMicroelectronics ST3243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST3243
3/11
PIN CONFIGURATION
TRUTH TABLE
* If the part is in auto-powerdown mode (FORCE OFF = VCC, FORCE ON = GND) it is shutdown , if no valid RS-232 levels are present on
all receiver input
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied. V+ and V- can have a maximum magnitude of +7V, but their absolute addition can not exceed 13 V.
(*) The device doesn’t meet 1KV ESD HBM
FORCE OFF
TOUT
ROUT
R2OUTB
0
HIGH Z
HIGH Z
ACTIVE *
1
ACTIVE *
ACTIVE *
ACTIVE *
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 6
V
V+
Doubled Voltage Terminal
(VCC -0.3) to 7
V
V-
Inverted Voltage Terminal
0.3 to -7
V
V+ +|V-|
13
V
FORCEON,
FORCEOFF,
TIN
Input Voltage
-0.3 to 6
V
RIN
Receiver Input Voltage Range
± 25
V
TOUT
Transmitter Output Voltage Range
± 13.2
V
ROUT ROUTB
INVALID
Receiver Output Voltage Range
-0.3 to (VCC + 0.3)
V
tSHORT
Short Circuit Duration on TOUT (one at a time)
Continuous
Tstg
Storage Temperature Range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com