Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT763020 Datasheet(PDF) 2 Page - Micon Design Technology Corporation

Part # MDT763020
Description  Step-up DC/DC Converter with Voltage Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT763020 Datasheet(HTML) 2 Page - Micon Design Technology Corporation

  MDT763020 Datasheet HTML 1Page - Micon Design Technology Corporation MDT763020 Datasheet HTML 2Page - Micon Design Technology Corporation MDT763020 Datasheet HTML 3Page - Micon Design Technology Corporation MDT763020 Datasheet HTML 4Page - Micon Design Technology Corporation MDT763020 Datasheet HTML 5Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MDT763020
Step-up DC/DC Converter with Voltage Detector
5. Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage
----------------
2.925
3.0
3.075
V
Output Ripple
----------------
±2.5
±3
%
Vin
----------------
6
V
Iout=1mA
0.75
0.8
V
Vstart
Iout=30mA
1
1.2
V
Iout=1mA
0.7
V
Vhold
Iout=30mA
0.9
V
Iin
Without loading
20
25
uA
Supply Current IDD1 VIN=VOUT × 0.95
Measured at VOUT pin
without external component
45
52
uA
Supply Current IDD2 VIN=VOUT+0.5V
Measured at VOUT pin
without external component
8
12
uA
Shutdown Current
VCE=0 , VIN=VOUT×0.95
0.5
uA
LX Leakage Current VIN=6V
1
uA
Maximum Oscillator
Frequency
VIN=VOUT0.95
Measured at ETR pin
200
230
kHz
Oscillator Duty Cycle VIN=VOUT_0.95
Measured at ETR pin
70
75
80
%
Low Battery Detect
Voltage (LBDV)
VIN: HI to LOW
1.9
2.0
2.1
V
LBDV hysteresis
Width
------------------
0.1
V
Efficiency
L , SD , CL etc. connected
85
%
+3.0V Output Type
VIN=VOUT×0.6 ; IOUT=30mA ; Ta=25℃ (Unless otherwise specified)
Note:
" Supply current 1 " is the supply current while the oscillator is continuously oscillating. In
actual operation the oscillator periodically operates. The current actually provided by an
external VIN source from VOUT pin.
" Supply current 2 " is the supply current while the oscillator stop oscillating. In actual
operation the oscillator periodically operates. The current actually provided by an external
VIN source from VOUT pin
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.2
2006/11
Ver 1.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com