Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STR1160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STR1160
Description  Low voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1160 Datasheet(HTML) 1 Page - STMicroelectronics

  2STR1160 Datasheet HTML 1Page - STMicroelectronics 2STR1160 Datasheet HTML 2Page - STMicroelectronics 2STR1160 Datasheet HTML 3Page - STMicroelectronics 2STR1160 Datasheet HTML 4Page - STMicroelectronics 2STR1160 Datasheet HTML 5Page - STMicroelectronics 2STR1160 Datasheet HTML 6Page - STMicroelectronics 2STR1160 Datasheet HTML 7Page - STMicroelectronics 2STR1160 Datasheet HTML 8Page - STMicroelectronics 2STR1160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2008
Rev 1
1/11
11
2STR1160
Low voltage fast-switching NPN power transistor
Features
Very low collector-emitter saturation voltage
High current gain characteristic
Fast switching speed
Miniature SOT-23 plastic package for surface
mounting circuits
Description
The device in a NPN transistor manufactured
using new “PB-HCD” (Power Bipolar High Current
Density) technology. The resulting transistor
shows exceptional high gain performances
coupled with very low saturation voltage.
The complementary PNP is the 2STR2160.
Applications
LED
Battery charger
Motor and relay driver
Voltage regulation
Figure 1.
Internal schematic diagram
SOT-23
Table 1.
Device summary
Order code
Marking
Package
Packing
2STR1160
160
SOT-23
Tape and reel
www.st.com


Similar Part No. - 2STR1160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
Low voltage fast-switching NPN power transistor
18-Jul-2006
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
2STR1230 STMICROELECTRONICS-2STR1230 Datasheet
194Kb / 10P
Low voltage fast-switching NPN power transistor
24-Oct-2006
More results

Similar Description - 2STR1160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN851 STMICROELECTRONICS-STN851 Datasheet
215Kb / 7P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
Low voltage fast-switching NPN power transistor
08-May-2006
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
Low voltage fast-switching NPN power transistor
18-Jul-2006
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
175Kb / 10P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
Low voltage fast-switching NPN power transistor
12-Jul-2007
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
Low voltage fast-switching NPN power transistor
27-Mar-2008
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
Low voltage fast-switching NPN power transistor
16-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com