Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT80C06P Datasheet(PDF) 2 Page - Micon Design Technology Corporation

Part # MDT80C06P
Description  PS2 optical 2D/3D, 3/5 key mouse controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT80C06P Datasheet(HTML) 2 Page - Micon Design Technology Corporation

  MDT80C06P Datasheet HTML 1Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 2Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 3Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 4Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 5Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 6Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 7Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 8Page - Micon Design Technology Corporation MDT80C06P Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MDT80C06
PS2 optical 2D/3D, 3/5 key mouse controller
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.2
2003/9 V1.2
5. Pin Function Description
Symbol
I/O
Function Description
Vdd
+5V
PD
I/O
Photo-sensor power down control (Open Drain output). Also used as
rotation selection.
Internal 100K ohm pull-high.
=1 for sensor in vertical position
=0 for sensor rotating 90 degree clockwise
Z1
Z2
I
I
Z-axis input for Photo Sensor or Mechanical resistors. Internal weak
pull low.
CLK
I/O
Connect to 8042 auxiliary port CLK line in PS/2 mode.
Internal 10K ohm pull high.
DATA
I/O
Connect to 8042 auxiliary port DATA line in PS/2 mode. Internal 10K
ohm pull high.
Vss
Ground
R
M
L
I
I
I
Three Key-switches inputs. Internal 50K ohm pull high.
K4
K5
I
The 4
th and 5th button inputs. Internal 100K ohm pull high. Also used
to select 2D/3D and 3/5 key mouse.
SCK
I/O
Serial clock output to optical mouse sensor. Internal 100K ohm pull
high. Also used to select Z/2 or Z/4
SDIO
I/O
Serial data input/output to optical mouse sensor. Internal 100K ohm
pull high.
OSCRH
I
Connect a resistor to Vdd to adjust internal RC freq.
6.Data Reporting
2D:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
Bit0
Byte 1
Y ovfl
X ovfl
Y sign
X sign
1
Middle
Right
Left
Byte 2
X data
Byte 3
Y data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com