Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3917B Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST3917B
Description  SPEECH - TONE/PULSE DIALER - LED INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3917B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST3917B Datasheet HTML 8Page - STMicroelectronics ST3917B Datasheet HTML 9Page - STMicroelectronics ST3917B Datasheet HTML 10Page - STMicroelectronics ST3917B Datasheet HTML 11Page - STMicroelectronics ST3917B Datasheet HTML 12Page - STMicroelectronics ST3917B Datasheet HTML 13Page - STMicroelectronics ST3917B Datasheet HTML 14Page - STMicroelectronics ST3917B Datasheet HTML 15Page - STMicroelectronics ST3917B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
C1
C2
C3
SEL
OSC
P ULSE
MODE /PT
HKS
GND
RXOUT
GRX
RXIN
I
REF
V
CC
R1
R2
R3
R4
MU/MFI
V
DD
GDTMF
MIC+
MIC-
GTX
REG
LN
ILINE
LED
ST3917A/B
12
3
45
6
78
9
*
0#
FLASH
TONE/P ULSE
PAUS E
LND
S ECRET
Col
Row
3.58MHz
V
DD
100k
Ω
P ulse
Tone
SW2
SW1
RGR X
100pF
10 F
Re
3.9k
Ω
+
100 F
+
620
Ω
100nF
RDTMF
CDTMF
470nF
1 F
1 F
RGTX
100pF
4.7 F
+
LED
V
ear
130k
Ω
3.9k
Ω
390
Ω
20
Ω
390
Ω
600
Ω
100 F
+
I
LN
V
LN
470k
Ω
GDTMF = 20 log
V
LN
V
MF
V
MF
CDTMF = 20 log
Vear
V
LN
Figure 10 : Test
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
C1
C2
C3
SEL
OS C
PULS E
MODE/P T
HKS
GND
RXOUT
GR X
RXIN
I
RE F
V
CC
R1
R2
R3
R4
MU/MFI
V
DD
GDTMF
MIC+
MIC-
GTX
REG
LN
ILINE
LED
S T3917A/B
12
3
45
6
78
9
*
0#
FLAS H
TONE/P ULSE
P AUSE
LND
SECRET
Col
Row
3.58MHz
V
DD
100k
Ω
P ulse
Tone
SW2
SW1
RGRX
100pF
10 F
Re
3.9k
Ω
+
100 F
+
620
Ω
100nF
RDTMF
CDTMF
470nF
1 F
1 F
RGTX
100pF
4.7 F
+
LED
V
ear
130k
Ω
3.9k
Ω
390
Ω
20
Ω
390
Ω
100 F
+
I
LN
V
LN
470k
Ω
GRX= 20 log Vear
V
inp
V
inp
Figure 11 : Test
ST3917A - ST3917B
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com