Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSANC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSANC
Description  15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSANC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSANC Datasheet HTML 1Page - Wall Industries,Inc. PSANC Datasheet HTML 2Page - Wall Industries,Inc. PSANC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSANC Series
15 Watt
Single, Dual, and Triple Outputs
AC/DC Converter for PCB Mount
MECHANICAL DRAWING
PIN CONNECTIONS
PIN #
SINGLE
DUAL
TRIPLE
1
FG
FG
FG
2
AC IN
AC IN
AC IN
3
AC IN
AC IN
AC IN
4
NO PIN
NO PIN
-DC OUT
5
-DC OUT
-DC OUT
COMMON
6
NO PIN
COMMON
+DC OUT
7
+DC OUT
+DC OUT
COMMON
8
NO PIN
NO PIN
+5V OUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com