Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT3604_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT3604
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-5008 Rev. J
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, VOUT, LEDx voltage
-0.3 to 7.0
V
EN, CTRx voltage
-0.3 to VIN
V
RSET voltage
-0.3 to VIN
V
RSET current
±1
mA
Ambient Temperature Range
-40 to +85
ºC
Storage Temperature Range
-65 to +160
ºC
Lead Temperature
300
ºC
ESD Ratings
Human Body Model (HBM)
Machine Model (MM)
(1)
2000
200
V
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
3.0 to 5.5
V
Ambient Temperature Range
-40 to +85
ºC
Input/Output/Bucket Capacitors
1 ± 20% typical
µF
ILED per LED pin
0 to 30
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
Limits over recommended operating conditions unless specified otherwise. Typical values at TA = 25˚C,
VIN = 3.5V, IRSET = 5µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent Current
VEN = 0V Shutdown Mode
1x Mode, No Load
1.5x Mode, No Load
0.05
0.3
2.6
1
1
5
µA
mA
mA
VRSET
RSET Regulated Voltage
1.17
1.2
1.23
V
ILED
Programmed LED Current
IRSET = 5µA
IRSET = 37µA
IRSET = 78µA
2.4
15.0
30.0
mA
mA
mA
ILED-ACC
LED Current Accuracy
0.5mA < ILED < 3mA
3mA < ILED < 30mA
+15
+5
%
%
ILED-DEV
LED Channel Matching
(ILED - ILEDAVG) / ILEDAVG
+3
%
ROUT
Output Resistance (Open Loop)
1x Mode
1.5x Mode, IOUT = 100mA
1.4
6.5
2.5
10
Ω
Ω
fOSC
Charge Pump Frequency
0.8
1.0
1.3
MHz
TDROPOUT
1x to 1.5x Mode Transition
Dropout Delay
0.4
0.6
0.9
ms
IEN-CTR
Input Leakage Current
On Inputs EN, CTR0, 1 & 2
0.001
1
µA
VEN-CTR
High Detect Threshold Low
Dt t Th
h ld
On Inputs EN, CTR0, 1 & 2
0.4
0.8
07
1.3
V
V
ISC
Input Current Limit
VOUT = GND
30
45
60
mA
ILIM
Maximum Input Current
VOUT > 1V
200
400
600
mA
Notes:
(1) Machine model is with 200pF capacitor discharged directly into each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com