Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT3604 Datasheet HTML 1Page - Catalyst Semiconductor CAT3604 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CAT3604
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5008 Rev. J
Characteristics subject to change without notice
4-Channel Regulated Charge Pump
White LED Driver
FEATURES
Drives individually up to 4 LEDs
Output current up to 30mA per LED
Digital control On/Off of each LED
Compatible with supply voltage of 3V to 5.5V
Power efficiency up to 93%
2 modes of operation 1x and 1.5x
Automatic short circuit detect/disable
High-frequency Operation at 1MHz
Low value ceramic capacitors
"604" compatible pinout
Soft start and current limiting
TQFN 16-pad package, 4 x 4mm, 0.8mm max
height
APPLICATION
Color LCD and keypad Backlighting
Cellular Phones
Handheld Devices
Digital Cameras
PDAs
Portable MP3 players
ORDERING INFORMATION
Part
Number
Package
Quantity
per Reel Marking
CAT3604HV4-T2 TQFN-16
(1)
2000
G364
CAT3604HV4-GT2 TQFN-16
(2)
2000
CDBA
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
DESCRIPTION
The CAT3604 is a charge pump operating in either 1x
(LDO) mode or 1.5x fractional mode regulating current
through each of the 4 LED pins. Operation at a fixed
high frequency of 1MHz typical allows the use of very
small value ceramic capacitors.
The CAT3604 drives white light-emitting diodes
(LEDs) connected in parallel and provides tightly
matched regulated current to achieve uniformity of
brightness in LCD backlighting applications. An
external resistor RSET controls the output current
level. LED currents of up to 30mA are supported over
a range of input supply voltages from 3V to 5.5V,
making
the
device
ideal
for
battery-powered
applications.
LED dimming can be accomplished by several
methods including using a DC voltage to set the
RSET pin current, applying a PWM signal on the
Control signals, or adding a switched resistor in
parallel with RSET. The Enable input pin allows the
device to be placed in power-down mode with "zero”
quiescent current.
The CAT3604 features short circuit and overcurrent
limiting protection. The device is available in a 16-pad
TQFN package with a max height of 0.8mm.
TYPICAL APPLICATION CIRCUIT
For Ordering Information details, see page 11.
GND
VIN
Battery
3V to 4.2V
20mA
LED2
LED3
LED1
LED4
RSET
CAT3604
VIN
VOUT
VOUT
1µF
1µF
CIN
C1-
C1+
C2-
C2+
1µF
1µF
COUT
RSET
24kΩ
EN
EN
CTR0
Control 0
Control 1
Control 2
CTR1
CTR2


Similar Part No. - CAT3604

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
CAT3604 CATALYST-CAT3604 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Catalyst Semiconductor
CAT3604-A CATALYST-CAT3604-A Datasheet
867Kb / 28P
Catalyst Semiconductor
More results

Similar Description - CAT3604

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
4-Channel Regulated Charge Pump White LED Driver
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com