Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490A Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST490A
Description  LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490A Datasheet(HTML) 4 Page - STMicroelectronics

  ST490A Datasheet HTML 1Page - STMicroelectronics ST490A Datasheet HTML 2Page - STMicroelectronics ST490A Datasheet HTML 3Page - STMicroelectronics ST490A Datasheet HTML 4Page - STMicroelectronics ST490A Datasheet HTML 5Page - STMicroelectronics ST490A Datasheet HTML 6Page - STMicroelectronics ST490A Datasheet HTML 7Page - STMicroelectronics ST490A Datasheet HTML 8Page - STMicroelectronics ST490A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ST490A
4/11
RECEIVER ELECTRICAL CHARACTERISTICS
VCC = 4.5V to 5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta = 25°C)
DRIVER SWITCHING CHARACTERISTICS
VCC =4.5V to 5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta = 25°C)
RECEIVER SWITCHING CHARACTERISTICS
VCC =4.5V to5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IIN1
Logic Input Current
± 2.0
µA
IIN2
Input Current (A, B)
other input=0V
VCC= 0 or 5.25V
VIN=12V
0.5
1
mA
VIN=-7V
-0.35
-0.8
mA
VTH
Receiver Differential
Threshold Voltage
VCM = -7V to 12V
-0.2
0.2
V
∆V
TH
Receiver Input Hysteresis
VCM =0V
70
mV
VOH
Receiver Output High
Voltage
IOUT = -8mA, VID = 200mV
3.5
4.7
V
VOL
Receiver Output Low
Voltage
IOUT = 8mA, VID = -200mV
0.2
0.4
V
RRIN
Receiver Input Resistance
VCM = -7V to 12V
12
24
K
Ω
IOSR
Receiver Short-Circuit
Current
VO =0V toVCC
795
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Maximum Data Rate
Jitter <5%
25
50
Mbps
tPLH
tPHL
Propagation Delay Input to
Output
RL=54Ω
CL1=CL2=50pF, (Figure 1)
10
16
ns
tSKEW
Differential Output Delay
Skew
RL=54Ω
CL1=CL2=50pF, (Figure 1)
1
3
ns
tTLH
tTHL
Rise or Fall Differential
Time
RL=54Ω
CL1=CL2=50pF, (Figure 1)
8
12
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay Input to
Output
CL = 15pF
(Figures 2,4)
19
30
ns
tSKD
|tPLH - tPHL| Receiver Output
Skew
CL = 15pF
(Figures 2,4)
1
3
ns
tTLH
tTHL
Rise or Fall Time
CL = 15pF
(Figures 2,4)
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com