Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAPC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAPC
Description  5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAPC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAPC Datasheet HTML 1Page - Wall Industries,Inc. PSAPC Datasheet HTML 2Page - Wall Industries,Inc. PSAPC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAPC Series
5 Watt
Single and Dual Outputs
Encapsulated AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Output Voltage
Minimum Load
Output Current
Max Output Power
Efficiency
PSAPC-3.3S
3.3 VDC
4%
1500mA
5W
62%
PSAPC-5S
5 VDC
1%
1000mA
5W
65%
PSAPC-12S
12 VDC
1%
416mA
5W
70%
PSAPC-15S
15 VDC
0%
333mA
5W
70%
PSAPC-24S
24 VDC
0%
200mA
5W
71%
PSAPC-5D
±5 VDC
0%
±500mA
5W
70%
PSAPC-12D
±12 VDC
0%
±200mA
5W
67%
PSAPC-15D
±15 VDC
3%
±160mA
5W
67%
NOTES
1. Dimensions of the mechanical drawing are shown in millimeters.
2. Weight of the unit is 80 grams.
BLOCK DIAGRAMS
DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com