Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSATC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSATC
Description  10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSATC Datasheet HTML 1Page - Wall Industries,Inc. PSATC Datasheet HTML 2Page - Wall Industries,Inc. PSATC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSATC Series
10 Watt
Single and Dual Outputs
Encapsulated AC/DC Power Supply
FEATURES
● High Efficiency
● 2 Year Warranty
● Regulated Output
● Low Ripple and Noise
● CE, cUL, TUV Approval
● Fully Encapsulated Plastic Case
● Switching Power Module for PCB Mounting
● Universal Input Range 90-260VAC, 47-440 Hz
SPECIFICATIONS: PSATC Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 260VAC or 120 ~ 370VDC
Input Frequency
47 to 440Hz
Input Current (Full Load)
200mA max @ 115VAC / 130mA max @ 230VAC
Inrush Current (<2ms)
10A max @ 115VAC / 20A max @230VAC
Leakage Current
0.75mA max
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
10 Watts max.
Voltage Accuracy
±2%
Line Regulation
±0.3% typical
Load Regulation (5% to 100%)
±0.5% typical
Output Current
See Table
Minimum Load
See Table
Ripple & Noise
< 0.5% Vout +50mV max (Vp-p)
Maximum Capacitive Load
470 - 23,000µF depending on model
Hold-Up Time
15ms min.
Current Limitation (Dual Outputs)
120 ~ 180% fold back
Temperature Coefficient
±0.02%/°C
PROTECTION
Over Current Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input Fuse Recommendation
1.5A slow blow type
GENERAL SPECIFICATIONS
Switching Frequency
100KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
Isolation Voltage (Input to Field Ground)
1500VAC
Isolation Voltage (Output to Field Ground)
500VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +71°C
Storage Temperature
-40°C to +85°C
Humidity
95% RH
Cooling
Free air convection
MTBF
> 250,000 hours @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
100g
Case Material
Plastic resin + fiberglass (flammability to UL 94V-0)
Dimensions
2.52(L) x 1.77(W) x 0.81(H) inches (64.0(L) x 45.0(W) x 20.5(H) mm)
SAFETY & EMC
Agency Approvals
UL/cUL, CE, TUV
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 50082-1


Similar Part No. - PSATC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSATC WALL-PSATC Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC-12D WALL-PSATC-12D Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC-12D-E1A2 WALL-PSATC-12D-E1A2 Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC-12D-E1A5 WALL-PSATC-12D-E1A5 Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC-12S WALL-PSATC-12S Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
More results

Similar Description - PSATC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10 AIMTEC-AME10 Datasheet
364Kb / 3P
10 watt encapsulated ac-dc converter
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAPC WALL-PSAPC Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
logo
List of Unclassifed Man...
14441-000 ETC2-14441-000 Datasheet
100Kb / 3P
1 Watt Encapsulated AC-DC Linear Power Supply
logo
Wall Industries,Inc.
JR5S5-2000 WALL-JR5S5-2000_18 Datasheet
531Kb / 8P
10 Watt DC/DC Power Converters Single and Dual Outputs
logo
ETA-USA
DAC10-20FWX ETA-USA-DAC10-20FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
DAC10-FWX ETA-USA-DAC10-FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
OAC10 ETA-USA-OAC10 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com