Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMPD45 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMPD45
Description  Dual Output Up to 45 Watts AC/DC Medical Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMPD45 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMPD45 Datasheet HTML 1Page - Wall Industries,Inc. PSMPD45 Datasheet HTML 2Page - Wall Industries,Inc. PSMPD45 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSMPD45 Series
Dual Output
Up to 45 Watts
AC/DC Medical Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input
Voltage
Output
Voltage
Output Current
Range
Output
Current
Ripple &
Noise
Output
Power
Channel 1
5 VDC
0.4 ~ 5.0A
3.2A
60mVp-p
PSMPD45A
Channel 2
12 VDC
0.2 ~ 2.5A
2A
120mVp-p
40W
Channel 1
5 VDC
0.4 ~ 5A
3.2A
60mVp-p
PSMPD45B
Channel 2
90~264VAC
127~370VDC
24 VDC
0.2 ~ 1.8A
1.2A
150mVp-p
45W
NOTES
1. All parameters are specified at 230VAC input, rated load, 25°C ambient.
2. Tolerances include set up tolerance, line regulation, load regulation.
3. Line regulation is measured from low line to high line at rated load.
4. Mounting holes M1 and M2 should be grounded for EMI purposes.
5. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uF & 47uF capacitor.
BLOCK DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com