Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMPT45 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMPT45
Description  Triple Output Up to 45 Watts AC/DC Medical Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMPT45 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMPT45 Datasheet HTML 1Page - Wall Industries,Inc. PSMPT45 Datasheet HTML 2Page - Wall Industries,Inc. PSMPT45 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSMPT45 Series
Triple Output
Up to 45 Watts
AC/DC Medical Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage
Output Voltage
Output Current
Range
Output
Current
Ripple &
Noise
Output
Power
Channel 1
5 VDC
0.4 - 5A
3A
60mVp-p
Channel 2
12 VDC
0.2 - 2.5A
2A
120mVp-p
PSMPT45A
Channel 3
-5 VDC
0 - 0.5A
0.3A
60mVp-p
40.5W
Channel 1
5 VDC
0.4 - 5A
3A
60mVp-p
Channel 2
12 VDC
0.2 - 2.5A
2A
120mVp-p
PSMPT45B
Channel 3
-12 VDC
0 - 0.5A
0.3A
100mVp-p
42.6W
Channel 1
5 VDC
0.4 - 5A
3A
60mVp-p
Channel 2
15 VDC
0.2 - 2.3A
1.6A
120mVp-p
PSMPT45C
Channel 3
90~264 VAC
(127~370 VDC)
-15 VDC
0 - 0.5A
0.3A
100mVp-p
43.5W
NOTES
1. All parameters are specified at 230VAC input, rated load, 25°C ambient.
2. Tolerances include set up tolerance, line regulation, load regulation.
3. Line regulation is measured from low line to high line at rated load.
4. Mounting holes M1 and M2 should be grounded for EMI purposes.
5. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uF & 47uF capacitor.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com