Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPD45 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPD45
Description  Dual Output Up to 45 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPD45 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPD45 Datasheet HTML 1Page - Wall Industries,Inc. PSPD45 Datasheet HTML 2Page - Wall Industries,Inc. PSPD45 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPD45 Series
Dual Output
Up to 45 Watts
AC/DC Power Supply
FEATURES
• 2 Year Warranty
• 100% Full Load Burn-In Test
• Universal AC Input/ Full Range
• Cooling by Free Air Convection
• Low Leakage Current < 0.75mA
• Fixed Switching Frequency at 65KHz
• Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSPD45 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC (127 – 370VDC)
Input Frequency
47 ~ 440Hz
AC Current (typical)
1A @ 115VAC
0.7A @ 230VAC
Inrush Current (typical)
15A @ 115VAC
30A @ 230VAC cold start.
Leakage Current
< 0.75mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Tolerance (See Note 3)
CH 1: ±4.0%
CH 2: ±7.0%
Voltage Adjustment Range
CH 1: 4.75 ~ 5.5V
Output Power
Rated output power for convection; 52W with 18CFM min. forced air.
Line Regulation
CH 1: ±1.0%
CH 2: ±2.0%
Load Regulation
CH 1: ±3.0%
CH 2: ±4.0%
Output Current
See Table
Ripple & Noise (See Note 2)
See Table
Setup, Rise Time
800ms, 20ms at full load
Hold Up Time
60ms at full load
Temperature Coefficient
±0.04%/°C (0~50°C) on +5V output.
PROTECTION
Over Voltage Protection
5.75 ~ 6.75VDC on CH 1
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Overload Protection
53 ~ 75W rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
65KHz
Efficiency (typical)
See Table
Withstand Voltage
3KVAC (input to output), 1.5KVAC (input to FG), 0.5KVAC (output to FG).
Isolation Resistance
100MΩ / 500VDC (input to output, input to FG, output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity (non-condensing)
20% ~ 90% RH non-condensing
Storage Humidity (non-condensing)
10% ~ 95% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
MTBF
288,100 hours min.
MIL-HDBK-217 (25°C)
PHYSICAL SPECIFICATIONS
Weight
10 oz.
Dimensions
127(L) x 76(W) x 28(H) mm
Warranty
2 years
SAFETY & EMC
Safety Standards
UL60950-1, TUV EN60950-1 Approved
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A.


Similar Part No. - PSPD45

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPD-2505 WALL-PSPD-2505 Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-2512 WALL-PSPD-2512 Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-2515 WALL-PSPD-2515 Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-25A WALL-PSPD-25A Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-25B WALL-PSPD-25B Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
More results

Similar Description - PSPD45

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
Dual Output Up to 45 Watts AC/DC Medical Power Supply
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSPD25 WALL-PSPD25 Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
Triple Output Up to 68 Watts AC/DC Power Supply
PSRL0603D WALL-PSRL0603D Datasheet
406Kb / 5P
Dual Output Up to 250 Watts AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com