Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPS45 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPS45
Description  Single Output Up to 48 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPS45 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPS45 Datasheet HTML 1Page - Wall Industries,Inc. PSPS45 Datasheet HTML 2Page - Wall Industries,Inc. PSPS45 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPS45 Series
Single Output
Up to 48 Watts
AC/DC Power Supply
FEATURES
• 2 Year Warranty
• 100% Full Load Burn-In Test
• Universal AC Input/ Full Range
• Low Leakage Current < 0.75mA
• Cooling by Free Air Convection
• Fixed Switching Frequency at 65KHz
• Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSPS45 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC (127 – 370VDC)
Input Frequency
47 ~ 440Hz
AC Current (typical)
0.8A @ 115VAC
0.56A @ 230VAC
Inrush Current (typical)
15A @ 115VAC
30A @ 230VAC cold start
Leakage Current
< 0.75mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Tolerance (See Note 3)
3.3, 5, 7.5V outputs: ±3.0%;
12, 13.5, 15, 24, 27, 48V outputs: ±2.0%
Voltage Adjustment Range
See Table
Output Power (max)
Rated output power for convection; 52W (+3.3V: 35W) with 18CFM min.
Line Regulation
±1.0%
Load Regulation
3.3, 5, 7.5V outputs: ±3.0%;
12, 13.5, 15, 24, 27, 48V outputs: ±2.0%
Output Current
See Table
Ripple & Noise (See Note 2)
See Table
Setup, Rise Time
800ms, 30ms at full load
Hold Up Time
60ms at full load
Temperature Coefficient
±0.05%/°C (0~50°C)
PROTECTION
Over Voltage Protection
See Table
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Overload Protection
53 ~ 75W (3.3V: 36 ~ 55W) rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
65KHz
Efficiency (typical)
See Table
Withstand Voltage
3KVAC (input to output), 1.5KVAC (input to FG), 0.5KVAC (output to FG).
Isolation Resistance
100MΩ / 500VDC (input to output, input to FG, output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity (non-condensing)
20% ~ 90% RH non-condensing
Storage Humidity (non-condensing)
10% ~ 95% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
Cooling
Free air convection
MTBF
300,700 hours min.
MIL-HDBK-217 (25°C)
PHYSICAL SPECIFICATIONS
Weight
18 oz.
Dimensions
127(L) x 76(W) x 28(H) mm
Warranty
2 years
SAFETY & EMC (See Note 4)
Safety Standards
UL60950-1, TUV EN60950-1 Approved
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5, 6, 8, 11; EN50204, EN55024, Light industry level, criteria A.


Similar Part No. - PSPS45

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPS-25-12 WALL-PSPS-25-12 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-13.5 WALL-PSPS-25-13.5 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-15 WALL-PSPS-25-15 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-24 WALL-PSPS-25-24 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-27 WALL-PSPS-25-27 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
More results

Similar Description - PSPS45

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
Single Output Up to 48 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSRL0601 WALL-PSRL0601 Datasheet
367Kb / 5P
Single Output Up to 320 Watts AC/DC Switching Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
Single Output Up to 30 Watts AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com