Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPS65 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPS65
Description  Single Output Up to 65 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPS65 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPS65 Datasheet HTML 1Page - Wall Industries,Inc. PSPS65 Datasheet HTML 2Page - Wall Industries,Inc. PSPS65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPS65 Series
Single Output
Up to 65 Watts
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage
Output
Voltage
Voltage Adj.
Range
Rated
Current
Current
Range
Ripple &
Noise
Output
Power
Over Voltage
Protection
Efficiency
PSPS-65-3.3
3.3 VDC
3.14 ~ 3.63V
12A
0 ~ 15.2A
80mVp-p
39.6W
3.8 ~ 4.46V
69%
PSPS-65-5
5 VDC
4.75 ~ 5.5V
12A
0 ~ 13.8A
100mVp-p
60W
5.75 ~ 6.75V
76%
PSPS-65-7.5
7.5 VDC
7.13 ~ 8.25V
8A
0 ~ 9.6A
100mVp-p
60W
8.63 ~ 10.1V
79%
PSPS-65-12
12 VDC
11.4 ~ 13.2V
5.2A
0 ~ 6A
100mVp-p
62.4W
13.8 ~ 16.2V
79%
PSPS-65-13.5
13.5 VDC
12.8 ~ 14.9V
4.7A
0 ~ 5.4A
100mVp-p
63.5W
15.5 ~ 18.2V
79%
PSPS-65-15
15 VDC
14.25 ~ 16.5V
4.2A
0 ~ 4.8A
100mVp-p
63W
17.25 ~ 20.25V
79%
PSPS-65-24
24 VDC
22.8 ~ 26.4V
2.7A
0 ~ 3A
100mVp-p
64.8W
27.6 ~ 32.4V
80%
PSPS-65-27
27 VDC
25.65 ~ 29.7V
2.4A
0 ~ 2.7A
100mVp-p
64.8W
31 ~ 36.45V
80%
PSPS-65-48
90 ~ 264VAC
(127 ~ 370VDC)
48 VDC
45.6 ~ 52.8V
1.35A
0 ~ 1.5A
100mVp-p
64.8W
55.2 ~ 64.8V
80%
NOTES
1. All parameters not specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz using a 12" twisted pair-wire terminated with 0.1uF & 47uF capacitors in parallel.
3. Tolerance: includes set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-
confirmed that it still meets EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
BLOCK DIAGRAM
DERATING CURVE
OUTPUT DERATING VS INPUT VOLTAGE
fosc: 65KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com