Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C16 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 24C16
Description  16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24C16 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 24C16 Datasheet HTML 8Page - STMicroelectronics 24C16 Datasheet HTML 9Page - STMicroelectronics 24C16 Datasheet HTML 10Page - STMicroelectronics 24C16 Datasheet HTML 11Page - STMicroelectronics 24C16 Datasheet HTML 12Page - STMicroelectronics 24C16 Datasheet HTML 13Page - STMicroelectronics 24C16 Datasheet HTML 14Page - STMicroelectronics 24C16 Datasheet HTML 15Page - STMicroelectronics 24C16 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01161B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
NO ACK
R/W
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK
Figure 10. Write Modes Sequence with Write Control = 1 (ST24/25W16)
Read Operation
Read operations are independent of the state of the
MODE signal. On delivery, the memory content is
set at all "1’s" (or FFh).
Current Address Read. The memory has an in-
ternal byte address counter. Each time a byte is
read, this counter is incremented. For the Current
Address Read mode, following a START condition,
the master sends a memory address with the RW
bit set to ’1’. The memory acknowledges this and
outputs the byte addressed by the internal byte
address counter. This counter is then incremented.
The master does NOT acknowledge the byte out-
put, but terminates the transfer with a STOP con-
dition.
Random Address Read. A dummy write is per-
formed to load the address into the address counter
(see Figure 11). This is followed by another START
condition from the master and the byte address
repeated with the RW bit set to ’1’. The memory
acknowledges this and outputs the byte ad-
dressed. The master does NOT acknowledge the
byte output, but terminates the transfer with a
STOP condition.
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last byte out-
12/17
ST24/25C16, ST24/25W16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com