Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C16WP Datasheet(PDF) 3 Page - STMicroelectronics

Part # 24C16WP
Description  16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24C16WP Datasheet(HTML) 3 Page - STMicroelectronics

  24C16WP Datasheet HTML 1Page - STMicroelectronics 24C16WP Datasheet HTML 2Page - STMicroelectronics 24C16WP Datasheet HTML 3Page - STMicroelectronics 24C16WP Datasheet HTML 4Page - STMicroelectronics 24C16WP Datasheet HTML 5Page - STMicroelectronics 24C16WP Datasheet HTML 6Page - STMicroelectronics 24C16WP Datasheet HTML 7Page - STMicroelectronics 24C16WP Datasheet HTML 8Page - STMicroelectronics 24C16WP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Mode
RW bit
MODE pin
Bytes
Initial Sequence
Current Address Read
’1’
X
1
START, Device Select, RW = ’1’
Random Address Read
’0’
X1
START, Device Select, RW = ’0’, Address,
’1’
reSTART, Device Select, RW = ’1’
Sequential Read
’1’
X
1 to 2048
As CURRENT or RANDOM Mode
Byte Write
’0’
X
1
START, Device Select, RW = ’0’
Multibyte Write
’0’
VIH
8
START, Device Select, RW = ’0’
Page Write
’0’
VIL
16
START, Device Select, RW = ’0’
Note: X = VIH or VIL.
Table 4. Operating Modes
Device Code
Memory MSB Addresses
RW
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Device Select
1
0
1
0
A10
A9
A8
RW
Note: The MSB b7 is sent first.
Table 3. Device Select Code
memory it responds to the 8 bits received by as-
serting an acknowledge bit during the 9th bit time.
When data is read by the bus master, it acknow-
ledges the receipt of the data bytes in the same
way. Data transfers are terminated with a STOP
condition.
Data in the 4 upper blocks of the memory may be
write protected. The protected area is programma-
ble to start on any 16 byte boundary. The block in
which the protection starts is selected by the input
pins PB0, PB1. Protection is enabled by setting a
Protect Flag bit when the PRE input pin is driven
High.
Power On Reset: VCC lock out write protect. In
order to prevent data corruption and inadvertent
write operations during power up, a Power On
Reset (POR) circuit is implemented. Untill the VCC
voltage has reached the POR threshold value, the
internal reset is active: all operations are disabled
and the device will not respond to any command.
In the same way, when VCC drops down from the
operating voltage to below the POR threshold
value, all operations are disabled and the device
will not respond to any command. A stable VCC
must be applied before applying any logic signal.
3/17
ST24/25C16, ST24/25W16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com