Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6227Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6227Q
Description  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 8Page - STMicroelectronics L6227Q Datasheet HTML 9Page - STMicroelectronics L6227Q Datasheet HTML 10Page - STMicroelectronics L6227Q Datasheet HTML 11Page - STMicroelectronics L6227Q Datasheet HTML 12Page - STMicroelectronics L6227Q Datasheet HTML 13Page - STMicroelectronics L6227Q Datasheet HTML 14Page - STMicroelectronics L6227Q Datasheet HTML 15Page - STMicroelectronics L6227Q Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Circuit description
L6227Q
12/27
4.3
Truth table
4.4
PWM current control
The L6227Q includes a constant off time PWM current controller for each of the two bridges.
The current control circuit senses the bridge current by sensing the voltage drop across an
external sense resistor connected between the source of the two lower power MOS
transistors and ground, as shown in Figure 9. As the current in the load builds up the voltage
across the sense resistor increases proportionally. When the voltage drop across the sense
resistor becomes greater than the voltage at the reference input (VREF
A or VREFB) the
sense comparator triggers the monostable switching the low-side MOS off. The low-side
MOS remain off for the time set by the monostable and the motor current recirculates in the
upper path. When the monostable times out the bridge will again turn on. Since the internal
dead time, used to prevent cross conduction in the bridge, delays the turn on of the power
MOS, the effective off time is the sum of the monostable time plus the dead time.
Figure 9.
PWM current controller simplified schematic
Table 7.
Truth table
Inputs
Outputs
Description (1)
1.
Valid only in case of load connected between OUT1 and OUT2
EN
IN1
IN2
OUT1
OUT2
LX (2)
2.
X = don't care
X
High Z (3)
3.
High Z = high impedance output
High Z
Disable
H
L
L
GND
GND
Brake mode (lower path)
H
H
L
Vs
GND (Vs)
Forward
H
L
H
GND (Vs) (4)
4.
GND (Vs) = GND during Ton, Vs during Toff
Vs
Reverse
H
H
H
Vs
Vs
Brake mode (upper path)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com