Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510GMB6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST52F510GMB6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510GMB6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST52F510GMB6 Datasheet HTML 90Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 91Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 92Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 93Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 94Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 95Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 96Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 97Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
ST52F510/F513/F514
94/106
Bit 7: EVF Event Flag
This bit is set by hardware as soon as an
event occurs. It is cleared by software
reading I2C_SR2 register in case of error
event or as described in Figure 14.3. It is also
cleared by hardware when the interface is
disabled (PE=0).
0: No event
1: One of the following events has occurred:
– BTF=1 (Byte received or transmitted)
– ADSL=1 (Address matched in Slave
mode while ACK=1)
– SB=1 (Start condition generated in Mas-
ter mode)
– AF=1 (No acknowledge received after
byte transmission)
– STOPF=1 (Stop condition detected in
Slave mode)
– ARLO=1 (Arbitration lost in Master
mode)
– BERR=1 (Bus error, misplaced Start or
Stop condition detected)
– Address byte successfully transmitted in
Master mode.
Bit 6: ADD10 10 bit addressing in Master Mode
This bit is set by hardware when the master
has sent the first byte in 10-bit address mode.
It is cleared by software reading I2C_SR2
register followed by a write in the I2C_OUT
register of the second address byte. It is also
cleared by hardware when the peripheral is
disabled (PE=0).
0: No ADD10 event occurred
1: The Master has sent the first address byte
Bit 5: TRA Transmitter/Receiver
When BTF is set, TRA=1 if a data byte has
been transmitted. It is cleared automatically
when BTF is cleared. It is also cleared by
hardware after detection of Stop condition
(STOPF=1), loss of bus arbitration (ARLO=1)
or when the interface is disabled (PE=0).
0: Data byte received (if BTF=1)
1: Data byte transmitted
Bit 4: BUSY Bus busy
This bit is set by hardware on detection of a
Start condition and cleared by hardware on
detection of a Stop condition. It indicates a
communication in progress on the bus. This
information is still updated when the interface
is disabled (PE=0).
0: No communication on the bus
1: Communication ongoing on the bus
Bit 3: BTF Byte transfer finished
This bit is set by hardware as soon as a byte
is correctly received or transmitted with
interrupt generation if ITE=1. It is cleared by
software reading I2C_SR1 register followed
by a read of I2C_IN or write of I2C_OUT
registers. It is also cleared by hardware when
the interface is disabled (PE=0).
– Following a byte transmission, this bit is
set after reception of the acknowledge
clock pulse. In case an address byte is
sent, this bit is set only after the EV6
event (see Figure 14.3). BTF is cleared
by reading I2C_SR1 register followed by
writing the next byte in I2C_OUT register.
– Following a byte reception, this bit is set
after transmission of the acknowledge
clock pulse if ACK=1. BTF is cleared by
reading I2C_SR1 register followed by
reading the byte from I2C_IN register.
The SCL line is held low while BTF=1.
0: Byte transfer not done
1: Byte transfer succeeded
Bit 2: ADSL Address matched (Slave Mode)
This bit is set by hardware as soon as the
slave address received matched with the
OAR register content or a general call is
recognized. An interrupt is generated if
ITE=1. It is cleared by software reading
I2C_SR1 register or by hardware when the
interface is disabled (PE=0).
The SCL line is held low while ADSL=1.
0: Address mismatched or not received
1: Received address matched
Bit 1: M/SL Master/Slave
This bit is set by hardware as soon as the
interface
is
in
Master
mode
(writing
START=1). It is cleared by hardware after
detecting a Stop condition on the bus or a
loss of arbitration (ARLO=1). It is also
cleared when the interface is disabled
(PE=0).
0: Slave mode
1: Master mode
Bit 0: SB Start bit (Master Mode)
This bit is set by hardware as soon as the
Start condition is generated (following a write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com