Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510GMB6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST52F510GMB6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510GMB6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST52F510GMB6 Datasheet HTML 98Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 99Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 100Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 101Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 102Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 103Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 104Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 105Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
ST52F510/F513/F514
103/106
15.5 SPI Register Description
In the following sections describe the registers
used by the SPI.
15.5.1 SPI Configuration Registers.
SPI Control Register (SPI_CR)
Configuration Register 20 (014h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: SPIE Serial peripheral interrupt enable.
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SPI interrupt is generated whenever
SPIF=1 or MODF=1 in SPI_STATUS_CR
Bit 6: SPE Serial peripheral output enable.
This bit is set and cleared by software. It is
also cleared by hardware when, in master
mode, SS=0 (see Section 15.4.5 Master
Mode Fault).
0: I/O port connected to pins
1: SPI alternate functions connected to pins
Note: The SPE bit is cleared by reset, so the SPI
peripheral is not initially connected to the pins.
Bit 5: SPR2 Divider Enable.
This bit is set and cleared by software and it
is cleared by reset. It is used with the
SPR[1:0] bits to set the baud rate. Refer to
Table 15.1.
0: Divider by 2 enabled
1: Divider by 2 disabled
Note: This bit has no effect in slave mode.
Bit 4: MSTR Master/Slave mode select.
This bit is set and cleared by software. It is
also cleared by hardware when, in master
mode, SS=0 (see Section 15.4.5 Master
Mode Fault).
0: Slave mode is selected
1: Master mode is selected, the function of
the SCK pin changes from an input to an
output and the functions of the MISO and
MOSI pins are reversed.
Bit 3: CPOL Clock polarity.
This bit is set and cleared by software. This
bit determines the steady state of the serial
Clock. The CPOL bit affects both the master
and slave modes.
0: The steady state is a low value at the SCK
pin.
1: The steady state is a high value at the SCK
pin.
Note: SPI must be disabled by resetting the SPE
bit if CPOL is changed at the communication byte
boundaries.
Bit 2: CPHA Clock phase.
This bit is set and cleared by software.
0: The first clock transition is the first data
capture edge.
1: The second clock transition is the first
capture edge.
Bit 1-0: SPR1-SPR0 Serial peripheral rate.
These bits are set and cleared by software.
Used with the SPR2 bit, they select one of six
baud rates to be used as the serial clock
when the device is a master (see Table 15.1).
These 2 bits have no effect in slave mode.
Remark: It is recommended to write the SPI_CR
register after the SPI_STATUS_CR register when
working in master mode, vice versa when working
in slave mode.
SPI Control-Status Register (SPI_STATUS_CR)
Configuration Register 21 (015h) Read/Write
Reset Value: 0000 0000 (00h)
70
SPIE
SPE
SPR2
MSTR
CPOL
CPHA
SPR1
SPR0
Table 15.1 Serial Peripheral Baud Rate
Serial Clock
SPR2
SPR1
SPR0
fCKM/2
100
fCKM/4
000
fCKM/8
001
fCKM/16
110
fCKM/32
010
fCKM/64
011
70
SPIF
WCOL
OR
MODF
-
SOD
SSM
SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com