Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSR320 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSR320
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR320 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSR320 Datasheet HTML 1Page - TAITRON Components Incorporated TSR320 Datasheet HTML 2Page - TAITRON Components Incorporated TSR320 Datasheet HTML 3Page - TAITRON Components Incorporated TSR320 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 4
TSR320 –TSR3100
3.0 A Schottky Barrier Rectifier
NOTES:
1. 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method)
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.375"(9.5mm) Lead Length.
3. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
Typical Characteristics Curves
Ambient Temperature (°C)
Fig.3- Typical Instantaneous Forward
Characteristics
VF Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.4- Typical Reverse Characteristics
Fig.2-Max. Non-repetitive Peak Forward Surge Current
Fig.1- Typical Forward Current Derating Curve
Number of Cycles at 60Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com