Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSR520 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSR520
Description  5A Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR520 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSR520 Datasheet HTML 1Page - TAITRON Components Incorporated TSR520 Datasheet HTML 2Page - TAITRON Components Incorporated TSR520 Datasheet HTML 3Page - TAITRON Components Incorporated TSR520 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B/AH 2008-01-30
www.taitroncomponents.com
Page 2 of 4
TSR520 – TSR5100
5A Schottky Barrier Rectifiers
Fig.1- Typical Forward Current Derating Curve
Ambient Temperature (°C)
Note: Thermal resistance junction to ambient vertical P.C. board mounting 0.5” (12.7mm) lead
length.
Typical Characteristics Curves
Symbol
Description
TSR
520
TSR
530
TSR
540
TSR
550
TSR
560
TSR
580
TSR
5100
Unit
Conditions
CJ
Typical Junction Capacitance
380
pF
VR=4V, f=1MHz
RthJA
Typical Thermal Resistance
10
°C / W
Note
TJ
Operating Junction
Temperature Range
-65 to +125
-65 to +150
TSTG
Storage Temperature Range
-65 to +150
° C
Fig.2- Maximum Non-repetitive Peak Forward Surge Current
Number of Cycles at 60Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com