Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513YMM6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST52F513YMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513YMM6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST52F513YMM6 Datasheet HTML 88Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 89Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 90Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 91Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 92Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 93Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 94Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 95Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
ST52F510/F513/F514
92/106
14.5 Register Description
In the following sections describe the registers
used by the I2C Interface are described.
14.5.1 I2C Interface Configuration Registers.
I2C Control Register (I2C_CR)
Configuration Register 16 (010h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-6: Not Used. They must be held to 0.
Bit 5: PE Peripheral Enable.
This bit is set and cleared by software
0: peripheral disabled
1: peripheral enabled
Notes:
– When PE=0, all the bits of the I2C_CR register
and the SR register except the Stop bit are reset.
All outputs are released while PE=0
– When PE=1, the corresponding I/O pins are se-
lected by hardware as alternate functions.
– To enable the I2C interface, write the I2C_CR
register TWICE with PE=1 as the first write only
activates the interface (only PE is set).
Bit 4: ENGC Enable General Call
This bit is set and cleared by software. It is
also cleared by hardware when the interface
is disabled (PE=0).
0: General Call disabled
1: General Call enabled
Note:
The
00h
General
Call
address
is
acknowledged (01h ignored).
Bit 3: START Generation of a Start Condition
This bit is set and cleared by software. It is
also cleared by hardware when the interface
is disabled (PE=0) or when the Start
condition is sent (with interrupt generation if
ITE=1).
– In Master Mode
0: No Start generation
1: Repeated Start generation
– In Slave Mode
0: No Start generation
1: Start generation when the bus is free
Bit 2: ACK Acknowledge enable
This bit is set and cleared by software. It is
also cleared by hardware when the interface
is disabled (PE=0).
0: No acknowledge returned
1: Acknowledge returned after an address
byte or a data byte is received
Bit 1: STOP Reset signal mode
This bit is set and cleared by software. It is
also cleared by hardware in master mode.
Note: This bit is not cleared when the
interface is disabled (PE=0).
– In Master Mode
0: No Stop generation
1: Stop generation after the current byte
transfer or after the current Start condition
is sent. The STOP bit is cleared by
hardware when the Stop condition is sent.
– In Slave Mode
0: No Start generation
1: Release the SCL and SDA lines after the
current byte transfer (BTF=1). In this
mode the STOP bit has to be cleared by
software.
Bit 0: ITE Interrupt Enable
0: Interrupt disabled
1: Interrupt enabled
I2C Clock Control Register (I2C_CCR)
Configuration Register 17 (011h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: FM/SM Fast/Standard I2C Mode.
This bit is set and cleared by software. It is
not cleared when the interface is disabled
(PE=0).
70
-
-
PE
ENGC
START
ACK
STOP
ITE
70
FM/SM
CC6
CC5
CC4
CC3
CC2
CC1
CC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com