Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513YMM6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST52F513YMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513YMM6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST52F513YMM6 Datasheet HTML 98Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 99Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 100Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 101Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 102Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 103Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 104Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 105Page - STMicroelectronics ST52F513YMM6 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
ST52F510/F513/F514
105/106
Warning: A read to the SPI_IN register returns the
value located in the buffer and not the contents of
the shift register (see Figure 15.2).
15.5.3 SPI Output Register.
SPI Data Output Register (SPI_OUT)
Output Register 5 (05h) Write only
Reset Value: 0000 0000 (00h)
bit 7-0: SPIDO7-SPIDO0 Data to be transmitted.
The SPI_OUT register is used to transmit data on
the serial bus. In the master device only a write to
this register will initiate transmission/reception of
another byte.
Warning: A write to the SPI_OUT register places
data directly into the shift register for transmission.
70
SPIDO7 SPIDO6 SPIDO5 SPIDO4 SPIDO3 SPIDO2 SPIDO1 SPIDO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com