Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSR845 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSR845
Description  8A Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR845 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSR845 Datasheet HTML 1Page - TAITRON Components Incorporated TSR845 Datasheet HTML 2Page - TAITRON Components Incorporated TSR845 Datasheet HTML 3Page - TAITRON Components Incorporated TSR845 Datasheet HTML 4Page - TAITRON Components Incorporated TSR845 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH 2008-02-12
TSR835 – TSR860
8A Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
8A Schottky Rectifier
Features
• Low Forward Voltage Drop
• Low Power Loss, High Efficiency
• High Surge Current Capability
• High temperature soldering guaranteed:
260° C/10 seconds, /.037" (9.5mm) lead length
• RoHS Compliant
Mechanical Data
Case:
DO-201AD, Molded Plastic
Terminals:
Axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Cathode band, Laser marking
Weight:
1.1 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
TSR835
TSR845
TSR850
TSR860
Unit
Conditions
VRRM
Max. Repetitive Peak Reverse
Voltage
35
45
50
60
V
VRMS
Max. RMS Voltage
25
32
35
42
V
VDC
Max. DC Blocking
Voltage
35
45
50
60
V
IF(AV)
Average Forward Rectified Current
8.0
A
Resistive Load and
f>=50Hz
IFSM
Peak Forward Surge Current
150
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
Method)
VF
Max. Instantaneous Forward
Voltage
0.55
0.70
V
IF=8A
0.5
TA=25 °C
IR
Max. DC Reverse Current
at Rated DC Blocking Voltage
50
mA
TA=100 °C
TJ,
TSTG
Operating Junction and Storage
Temperature Range
-65 to +125
° C
DO-201AD


Similar Part No. - TSR845

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSR801D125-S7 TOKEN-TSR801D125-S7 Datasheet
403Kb / 9P
One Port Resonators
TSR809D00A-D1 TOKEN-TSR809D00A-D1 Datasheet
403Kb / 9P
One Port Resonators
TSR809D00B-S4 TOKEN-TSR809D00B-S4 Datasheet
403Kb / 9P
One Port Resonators
TSR820D00-S9 TOKEN-TSR820D00-S9 Datasheet
403Kb / 9P
One Port Resonators
TSR824D25-D1 TOKEN-TSR824D25-D1 Datasheet
403Kb / 9P
One Port Resonators
More results

Similar Description - TSR845

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS835L DIODES-PDS835L_10 Datasheet
99Kb / 5P
8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 10 - 2
logo
KODENSHI_AUK CORP.
SDB8200PH KODENSHI-SDB8200PH Datasheet
283Kb / 5P
200V, 8A POWER SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MUR870E DIGITRON-MUR870E Datasheet
198Kb / 3P
8A SCHOTTKY RECTIFIER
MUR805 DIGITRON-MUR805 Datasheet
301Kb / 6P
8A SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
8A, 60V SCHOTTKY RECTIFIER
logo
SUNMATE electronic Co.,...
80SQ030 SUNMATE-80SQ030 Datasheet
1Mb / 3P
8A Axial Leaded Schottky Rectifier
logo
PFC Device Inc.
P8L45SP PFC-P8L45SP Datasheet
724Kb / 5P
8A 45V MOS Schottky Rectifier
P8L60SP PFC-P8L60SP Datasheet
724Kb / 5P
8A 60V MOS Schottky Rectifier
PT8L100SP PFC-PT8L100SP Datasheet
726Kb / 5P
8A 100V HPTR Schottky Rectifier
PT8L120SP PFC-PT8L120SP Datasheet
726Kb / 5P
8A 120V HPTR Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com